Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1113AM Datasheet(PDF) 2 Page - Linear Technology

Part # LT1113AM
Description  Dual Low Noise, Precision, JFET Input Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1113AM Datasheet(HTML) 2 Page - Linear Technology

  LT1113AM Datasheet HTML 1Page - Linear Technology LT1113AM Datasheet HTML 2Page - Linear Technology LT1113AM Datasheet HTML 3Page - Linear Technology LT1113AM Datasheet HTML 4Page - Linear Technology LT1113AM Datasheet HTML 5Page - Linear Technology LT1113AM Datasheet HTML 6Page - Linear Technology LT1113AM Datasheet HTML 7Page - Linear Technology LT1113AM Datasheet HTML 8Page - Linear Technology LT1113AM Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1113
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
Supply Voltage
–55
°C to 105°C ............................................... ±20V
105
°C to 125°C ............................................... ±16V
Differential Input Voltage ......................................
±40V
Input Voltage (Equal to Supply Voltage) ...............
±20V
Output Short Circuit Duration .......................... 1 Minute
Storage Temperature Range ................ – 65
°C to 150°C
Operating Temperature Range
LT1113AC/LT1113C (Note 2) .......... – 40
°C to 85°C
LT1113AM/LT1113M .................... – 55
°C to 125°C
Specified Temperature Range
LT1113AC/LT1113C (Note 3) .......... – 40
°C to 85°C
LT1113AM/LT1113M .................... – 55
°C to 125°C
Lead Temperature (Soldering, 10 sec) ................ 300
°C
ELECTRICAL C
C
HARA TERISTICS
LT1113CS8
S8 PART MARKING
1113
LT1113AMJ8
LT1113MJ8
LT1113ACN8
LT1113CN8
TJMAX = 150°C, θJA = 190°C/W
TJMAX = 160°C, θJA = 100°C/W (J8)
TJMAX = 150°C, θJA = 130°C/W (N8)
LT1113AM/AC
LT1113M/C
SYMBOL PARAMETER
CONDITIONS (Note 4)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
0.40
1.5
0.50
1.8
mV
VS = ±5V
0.45
1.7
0.55
2.0
mV
IOS
Input Offset Current
Warmed Up (Note 5)
30
100
35
150
pA
IB
Input Bias Current
Warmed Up (Note 5)
300
450
320
480
pA
en
Input Noise Voltage
0.1Hz to 10Hz
2.4
2.4
µVP-P
Input Noise Voltage Density
fO = 10Hz
17
17
nV/
√Hz
fO = 1000Hz
4.5
6.0
4.5
6.0
nV/
√Hz
in
Input Noise Current Density
fO = 10Hz, fO = 1000Hz (Note 6)
10
10
fA/
√Hz
RIN
Input Resistance
Differential Mode
1011
10
11
Ω
Common Mode
VCM = –10V to 8V
1011
10
11
Ω
VCM = 8V to 11V
1010
10
10
Ω
CIN
Input Capacitance
14
14
pF
VS = ±5V
27
27
pF
VCM
Input Voltage Range (Note 7)
13.0
13.5
13.0
13.5
V
–10.5
–11.0
–10.5
–11.0
V
CMRR
Common Mode Rejection Ratio VCM = –10V to 13V
85
98
82
95
dB
PSRR
Power Supply Rejection Ratio
VS = ± 4.5V to ± 20V
86
100
83
98
dB
AVOL
Large-Signal Voltage Gain
VO = ±12V, RL = 10k
1200
4800
1000
4500
V/mV
VO = ±10V, RL = 1k
600
4000
500
3000
V/mV
VS = ±15V, VCM = 0V, TA = 25°C, unless otherwise noted.
ORDER PART
NUMBER
ORDER PART
NUMBER
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
N8 PACKAGE
8-LEAD PDIP
J8 PACKAGE
8-LEAD CERDIP
B
A
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
B
A
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
Consult factory for Industrial grade parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com