Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1111CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LT1111CS8
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1111CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1111CS8 Datasheet HTML 8Page - Linear Technology LT1111CS8 Datasheet HTML 9Page - Linear Technology LT1111CS8 Datasheet HTML 10Page - Linear Technology LT1111CS8 Datasheet HTML 11Page - Linear Technology LT1111CS8 Datasheet HTML 12Page - Linear Technology LT1111CS8 Datasheet HTML 13Page - Linear Technology LT1111CS8 Datasheet HTML 14Page - Linear Technology LT1111CS8 Datasheet HTML 15Page - Linear Technology LT1111CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
LT1111
S
APPLICATI
TYPICAL
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
5V to –5V Converter
LT1111 • TA20
LIM
I
FB
GND
LT1111
VIN
8V TO 18V
BAT54
L1*
10
µH, 3A
+
220
µF
5V
500mA
0.22
Ω
51
Ω
2k
1N4148
40.2k
121k
OPERATE STANDBY
IN
V
SW1
SW2
MTM20P08
MBRD320
* L1 = SUMIDA CDR105-100M
2N3904
High Power, Low Quiescent Current Step-Down Converter
IN
V
SW2
SW1
LT1111 • TA05
LIM
I
SENSE
GND
100
LT1111-5
MBRS130T3
33
µF
L1*
33
µH
Ω
+
–5V OUTPUT
75mA
22
µF
+
VIN
5V INPUT
* L1= SUMIDA CD54-330K
Voltage Controlled Positive-to-Negative Converter
LT1111 • TA07
FB
GND
220
Ω
LT1111
* L1 = COILTRONICS CTX20-4
† ZETEX INC. 516-543-7100
VIN
5V TO 12V
BAT54
220
Ω
L1*
20
µH, 3A
IN
V
LT1006
+
47
µF
39k
200k
–VOUT = –5.13 × VC
2W MAXIMUM OUTPUT
VC (0V TO 5V)
0.22
Ω
MBRD320
IN
V
SW2
SW1
LIM
I
ZETEX
†
ZTX788A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com