Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1124AC Datasheet(PDF) 16 Page - Linear Technology

Part # LT1124AC
Description  Dual/Quad Low Noise, High Speed Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1124AC Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1124AC Datasheet HTML 8Page - Linear Technology LT1124AC Datasheet HTML 9Page - Linear Technology LT1124AC Datasheet HTML 10Page - Linear Technology LT1124AC Datasheet HTML 11Page - Linear Technology LT1124AC Datasheet HTML 12Page - Linear Technology LT1124AC Datasheet HTML 13Page - Linear Technology LT1124AC Datasheet HTML 14Page - Linear Technology LT1124AC Datasheet HTML 15Page - Linear Technology LT1124AC Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1124/LT1125
©LINEAR TECHNOLOGY CORPORATION 1992
11245fas, sn11245 LT/TP 0699 REV A 2K • PRINTED IN USA
Strain Gauge Signal Conditioner with Bridge Excitation
TYPICAL APPLICATION
1124/25 TA05
–
+
–
+
–
+
LT1009
3
2
2.5V
5k
1/4
LT1125
1k
–15V
15V
1
REFERENCE
OUTPUT
15V
–15V
7
4
13
6
5
10k
ZERO
TRIM
301k*
350
Ω
BRIDGE
1
µF
301k*
0V TO 10V
OUTPUT
499
Ω*
GAIN
TRIM
50k
*RN60C FILM RESISTORS
1k
14
–15V
15V
13
12
THE LT1124/LT1125 IS CAPABLE OF PROVIDING EXCITATION CURRENT DIRECTLY
TO BIAS THE 350
Ω BRIDGE AT 5V WITH ONLY 5V ACROSS THE BRIDGE (AS OPPOSED
TO THE USUAL 10V) TOTAL POWER DISSIPATION AND BRIDGE WARM-UP DRIFT IS
REDUCED. THE BRIDGE OUTPUT SIGNAL IS HALVED, BUT THE LT1124/LT1125 CAN
AMPLIFY THE REDUCED SIGNAL ACCURATELY.
1/4
LT1125
1/4
LT1125
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1007
Single Low Noise, Precision Op Amp
2.5nV/
√Hz 1kHz Voltage Noise
LT1028/LT1128
Single Low Noise, Precision Op Amps
0.85nV/
√Hz Voltage Noise
LT1112/LT1114
Dual/Quad Precision Picoamp Input
250pA Max IB
LT1113
Dual Low Noise JFET Op Amp
4.5nV/
√Hz Voltage Noise, 10fA/√Hz Current Noise
LT1126/LT1127
Decompensated LT1124/LT1125
11V/
µs Slew Rate
LT1169
Dual Low Noise JFET Op Amp
6nV/
√Hz Voltage Noise, 1fA/√Hz Current Noise, 10pA Max IB
LT1792
Single LT1113
4.2nV/
√Hz Voltage Noise, 10fA/√Hz Current Noise
LT1793
Single LT1169
6nV/
√Hz Voltage Noise, 1fA/√Hz Current Noise, 10pA Max IB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com