Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1129 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1129
Description  Micropower Low Dropout Regulators with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1129 Datasheet(HTML) 2 Page - Linear Technology

  LT1129 Datasheet HTML 1Page - Linear Technology LT1129 Datasheet HTML 2Page - Linear Technology LT1129 Datasheet HTML 3Page - Linear Technology LT1129 Datasheet HTML 4Page - Linear Technology LT1129 Datasheet HTML 5Page - Linear Technology LT1129 Datasheet HTML 6Page - Linear Technology LT1129 Datasheet HTML 7Page - Linear Technology LT1129 Datasheet HTML 8Page - Linear Technology LT1129 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1129/LT1129-3.3/LT1129-5
A
G
A
U
A
R
BSOLUTEXI
TI
S
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Regulated Output Voltage
LT1129-3.3
VIN = 3.8V, IOUT = 1mA, TJ = 25°C
3.250
3.300
3.350
V
(Notes 3,11)
4.3V < VIN < 20V, 1mA < IOUT < 700mA
q
3.200
3.300
3.400
V
LT1129-5
VIN = 5.5V, IOUT = 1mA, TJ = 25°C
4.925
5.000
5.075
V
6V < VIN < 20V, 1mA < IOUT < 700mA
q
4.850
5.000
5.150
V
LT1129 (Note 4)
VIN = 4.3V, IOUT = 1mA, TJ = 25°C
3.695
3.750
3.805
V
4.8V < VIN < 20V, 1mA < IOUT < 700mA
q
3.640
3.750
3.860
V
Line Regulation (Note 11)
LT1129-3.3
∆VIN = 4.8V to 20V, IOUT = 1mA
q
1.5
10
mV
LT1129-5
∆VIN = 5.5V to 20V, IOUT = 1mA
q
1.5
10
mV
LT1129 (Note 4)
∆VIN = 4.3V to 20V, IOUT = 1mA
q
1.5
10
mV
Load Regulation (Note 11)
LT1129-3.3
∆ILOAD = 1mA to 700mA, TJ = 25°C
6
20
mV
∆ILOAD = 1mA to 700mA
q
15
30
mV
LT1129-5
∆ILOAD = 1mA to 700mA, TJ = 25°C
6
20
mV
∆ILOAD = 1mA to 700mA
q
20
30
mV
LT1129 (Note 4)
∆ILOAD = 1mA to 700mA, TJ = 25°C
6
20
mV
∆ILOAD = 1mA to 700mA
q
15
30
mV
ELECTRICAL C
C
HARA TERISTICS
Input Voltage ......................................................
±30V*
Output Pin Reverse Current ................................. 10mA
Sense Pin Current ................................................ 10mA
Adjust Pin Current ............................................... 10mA
Shutdown Pin Input Voltage (Note 1) ........ 6.5V, – 0.6V
Shutdown Pin Input Current (Note 1) .................. 20mA
Output Short-Circuit Duration ......................... Indefinite
Storage Temperature Range ................ – 65
°C to 150°C
Operating Junction Temperature Range (Note 2)
LT1129C-X ......................................... 0
°C to 125°C
LT1129C-X Extended Temperature Range
(Note 11) ....................................... –40
°C to 125°C
LT1129I-X ..................................... –40
°C to 125°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
* For applications requiring input voltage ratings greater than 30V, contact the factory.
PACKAGE/ORDER I FOR ATIO
T PACKAGE
5-LEAD TO-220
VIN
FRONT VIEW
SHDN
OUTPUT
SENSE/ADJ*
GND
TAB IS
GND
5
4
3
2
1
*PIN 2 = SENSE FOR LT1129-3.3/LT1129-5
= ADJ FOR LT1129
θJA ≈ 50°C/W
θJA ≈ 50°C/W
Q PACKAGE
5-LEAD DD
VIN
SHDN
GND
SENSE/ADJ*
OUTPUT
FRONT VIEW
5
4
3
2
1
TAB
IS
GND
*PIN 2 = SENSE FOR LT1129-3.3/LT1129-5
= ADJ FOR LT1129
θJA ≈ 30°C/W
1
2
3
4
8
7
6
5
TOP VIEW
OUTPUT
GND
NC
S8 PACKAGE
8-LEAD PLASTIC SO
VIN
GND
GND
SHDN
SENSE/
ADJ*
θJA ≈ 60°C/W
*PIN 2 = SENSE FOR LT1129-3.3/LT1129-5
= ADJ FOR LT1129
ORDER PART
NUMBER
PART
MARKING
LT1129CST-3.3
LT1129CST-5
LT1129IST-3.3
LT1129IST-5
LT1129CT
LT1129CT-3.3
LT1129CT-5
LT1129IT
LT1129IT-3.3
LT1129IT-5
LT1129CQ
LT1129CQ-3.3
LT1129CQ-5
LT1129IQ
LT1129IQ-3.3
LT1129IQ-5
1129
11293
11295
ORDER PART NUMBER
ORDER PART NUMBER
ORDER PART NUMBER
3
2
1
FRONT VIEW
TAB
IS
GND
OUTPUT
GND
VIN
ST PACKAGE
3-LEAD PLASTIC SOT-223
LT1129CS8
LT1129CS8-3.3
LT1129CS8-5
LT1129IS8
LT1129IS8-3.3
LT1129IS8-5
Consult factory for Military grade parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com