Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1122CS Datasheet(PDF) 6 Page - Linear Technology

Part # LT1122CS
Description  Fast Settling, JFET Input Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1122CS Datasheet(HTML) 6 Page - Linear Technology

  LT1122CS Datasheet HTML 1Page - Linear Technology LT1122CS Datasheet HTML 2Page - Linear Technology LT1122CS Datasheet HTML 3Page - Linear Technology LT1122CS Datasheet HTML 4Page - Linear Technology LT1122CS Datasheet HTML 5Page - Linear Technology LT1122CS Datasheet HTML 6Page - Linear Technology LT1122CS Datasheet HTML 7Page - Linear Technology LT1122CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LT1122
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Distribution of Input Offset
Input Bias and Offset Currents
Bias and Offset Currents Over
Voltage
Over Temperature
The Common-Mode Range
CHIP TEMPERATURE (°C)
0
1
300
1K
3K
10K
25
50
75
100
125
100
30
10
3
BIAS
CURRENT
OFFSET
CURRENT
V = ±15V
V
= 0V
S
CM
LT1122•TPC06
30K
100K
COMMON-MODE INPUT VOLTAGE (V)
–15
0
20
40
60
80
100
120
–10
–5
5
15
V = ±15V
T = 25°C
S
A
0
10
(NOT-WARMED UP)
BIAS
CURRENT
OFFSET
CURRENT
LT1122•TPC07
Warm-up Drift
Noise Spectrum
0.1Hz to 10Hz Noise
FREQUENCY (Hz)
1
10
100
1000
3
10
10k
30
100 300
1k
3k
V = ±15V
T = 25°C
S
A
LT1122•TPC09
TIME (SECONDS)
0
24
8
10
6
LT1122•TPC10
Total Harmonic Distortion
Total Harmonic Distortion
Intermodulation Distortion
+ Noise vs Frequency
+ Noise vs Frequency
(CCIF Method) vs Frequency
Inverting Gain
Non-Inverting Gain
LT1122 and LF156*
FREQUENCY (Hz)
20
0.0001
0.001
0.01
0.1
100
1k
20k
A = –50
V
A = –10
A = –1
10k
T = 25°C
V = ±15V
Z = 5k//15pF
V = 7V RMS
A
S
L
O
V
V
LT1122•TPC11
FREQUENCY (Hz)
20
0.0001
0.001
0.01
0.1
100
1k
20k
A = +50
V
A = +10
A = +1
10k
T = 25°C
V = ±15V
Z = 5k//15pF
V = 7V RMS
A
S
L
O
V
V
LT1122•TPC12
FREQUENCY (Hz)
3k
0.0001
0.001
0.01
0.1
10k
20k
LT1122
LF156
V = ±15V
T = 25°C
A = –10
V = 7V RMS
Z = 5k//15pF
S
A
V
O
L
*SEE LT1115 DATA SHEET FOR DEFINITION
OF CCIF TESTING
LT1122•TPC13
INPUT OFFSET VOLTAGE ( V)
–900
0
200
400
600
800
–500
–100 100
500
V =
±15V
T = 25
°C
(NOT WARMED UP)
S
A
3370 UNITS TESTED
IN ALL PACKAGES
µ
LT1122•TPC05
900
TIME AFTER POWER ON (MINUTES)
0
1
50
100
150
200
250
12
3
V = ±15V
T = 25°C
S
A
J PACKAGE
N PACKAGE
SO PACKAGE
IN STILL AIR (SO PACKAGE
SOLDERED ONTO BOARD)
LT1122•TPC08



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com