Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1126AM Datasheet(PDF) 7 Page - Linear Technology

Part # LT1126AM
Description  Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1126AM Datasheet(HTML) 7 Page - Linear Technology

  LT1126AM Datasheet HTML 1Page - Linear Technology LT1126AM Datasheet HTML 2Page - Linear Technology LT1126AM Datasheet HTML 3Page - Linear Technology LT1126AM Datasheet HTML 4Page - Linear Technology LT1126AM Datasheet HTML 5Page - Linear Technology LT1126AM Datasheet HTML 6Page - Linear Technology LT1126AM Datasheet HTML 7Page - Linear Technology LT1126AM Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LT1126/LT1127
S
APPLICATI
TYPICAL
S
A
CHE
TI
I
CD AGRA
Low Noise, Wideband, Gain = 100 Amplifier with High Input Impedance
(1/2 LT1126, 1/4 LT1127)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
LT1126 • TA06
200
µA
100
µA
200
6k
200
6k
50
200
µA
V –
100
µA
V +
OUTPUT
Q12
Q11
Q15
Q16
Q22
Q23
Q24
Q2B
Q1B
Q1A
INVERTING
INPUT (–)
NON-INVERTING
INPUT (+)
Q10
Q3
Q9
Q7
21k
21k
200pF
3.6k
Q17
Q19
Q20
3.6k
Q18
360
µA
V+
V+
20pF
5pF
400
67pF
Q2A
570
µA
Q25
Q26
Q27
20
20
Q30
Q29
Q28
V –
Q13
Q8
LT1126 • TA05
–
+
–
+
–
+
1.1k
1.1k
1.1k
2.4k
2.4k
2.4k
7.5k
500
Ω
1/4
LT1127
OUTPUT
1/4
LT1127
1/4
LT1127
1/4
LT1127
120
120
120
INPUT
–3dB BANDWIDTH = 910 kHz
GAIN BANDWIDTH PRODUCT = 91.0MHz
WIDEBAND NOISE =
= 1.85nV/
√Hz REFERRED TO INPUT
RMS NOISE DC TO FULL BANDWIDTH = 21.2
µV REFERRED TO INPUT
3.2nV/
√Hz
√3
–
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com