Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1122DM Datasheet(PDF) 1 Page - Linear Technology

Part # LT1122DM
Description  Fast Settling, JFET Input Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1122DM Datasheet(HTML) 1 Page - Linear Technology

  LT1122DM Datasheet HTML 1Page - Linear Technology LT1122DM Datasheet HTML 2Page - Linear Technology LT1122DM Datasheet HTML 3Page - Linear Technology LT1122DM Datasheet HTML 4Page - Linear Technology LT1122DM Datasheet HTML 5Page - Linear Technology LT1122DM Datasheet HTML 6Page - Linear Technology LT1122DM Datasheet HTML 7Page - Linear Technology LT1122DM Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1122
Fast Settling, JFET Input
Operational Amplifier
s
100% Tested Settling Time
340ns Typ
to 1mV at Sum Node, 10V Step
540ns Max
Tested with Fixed Feedback Capacitor
s
Slew Rate
60V/
µs Min
s
Gain Bandwidth Product
14MHz
s
Power Bandwidth (20Vp-p)
1.2 MHz
s
Unity Gain Stable; Phase Margin
60
°
s
Input Offset Voltage
600
µV Max
s
Input Bias Current
25
°C
75pA Max
70
°C
600pA Max
s
Input Offset Current
25
°C
40pA Max
70
°C
150pA Max
s
Low Distortion
DESCRIPTIO
S
FEATURE
The LT1122 JFET input operational amplifier combines
high speed and precision performance.
A unique poly-gate JFET process minimizes gate series
resistance and gate-to-drain capacitance, facilitating wide
bandwidth performance, without degrading JFET transis-
tor matching.
It slews at 80V/
µs and settles in 340ns. The LT1122 is
internally compensated to be unity gain stable, yet it has a
bandwidth of 14MHz at a supply current of only 7mA. Its
speed makes the LT1122 an ideal choice for fast settling
12-bit data conversion and acquisition systems.
The LT1122 offset voltage of 120
µV, and voltage gain of
500,000 also support the 12-bit accurate applications.
The input bias current of 10pA and offset current of 4pA
combined with its speed allow the LT1122 to be used in
such applications as high speed sample and hold amplifi-
ers, peak detectors, and integrators.
s
Fast 12-Bit D/A Output Amplifiers
s
High Speed Buffers
s
Fast Sample and Hold Amplifiers
s
High Speed Integrators
s
Voltage to Frequency Converters
s
Active Filters
s
Log Amplifiers
s
Peak Detectors
12-Bit Voltage Output D/A Converter
Large-Signal Response
200ns/DIV
AV = –1
1122 TA07
S
APPLICATI
APPLICATI
TYPICAL
0mA TO 2mA
OR 4mA
+
2
3
6
Cf
V
0V TO 10V
OUT
12-BIT CURRENT OUTPUT D/A CONVERTER
C = 5pF TO 17pF
(DEPENDING ON D/A CONVERTER USED)
+
–
f
LT1122
LT1122•TA01


Similar Part No. - LT1122DM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1122 LINER-LT1122 Datasheet
272Kb / 14P
Fast Settling, JFET Input Operational Amplifier
LT1122 LINER-LT1122_15 Datasheet
272Kb / 14P
Fast Settling, JFET Input Operational Amplifier
More results

Similar Description - LT1122DM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
Fast Settling Video Operational Amplifier
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
Fast Settling, Wideband Operational Amplifier
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540 Datasheet
518Kb / 7P
400MHz, Fast Settling Operational Amplifier
September 1998
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
logo
National Semiconductor ...
LF401 NSC-LF401 Datasheet
360Kb / 9P
PRECISION FAST SETTLING JFET INPUT OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
400MHz, Fast Settling Operational Amplifier
July 2003
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
150MHz, Fast Settling Operational Amplifier
November 19, 2004
logo
National Semiconductor ...
LF400A NSC-LF400A Datasheet
218Kb / 12P
Fast-Settling JFET-Input Operational Amplifier
logo
Linear Technology
LT1122 LINER-LT1122_15 Datasheet
272Kb / 14P
Fast Settling, JFET Input Operational Amplifier
logo
Renesas Technology Corp
HA-2540 RENESAS-HA-2540 Datasheet
652Kb / 8P
400MHz, Fast Settling Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com