Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1124AI Datasheet(PDF) 5 Page - Linear Technology

Part # LT1124AI
Description  Dual/Quad Low Noise, High Speed Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1124AI Datasheet(HTML) 5 Page - Linear Technology

  LT1124AI Datasheet HTML 1Page - Linear Technology LT1124AI Datasheet HTML 2Page - Linear Technology LT1124AI Datasheet HTML 3Page - Linear Technology LT1124AI Datasheet HTML 4Page - Linear Technology LT1124AI Datasheet HTML 5Page - Linear Technology LT1124AI Datasheet HTML 6Page - Linear Technology LT1124AI Datasheet HTML 7Page - Linear Technology LT1124AI Datasheet HTML 8Page - Linear Technology LT1124AI Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1124/LT1125
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
0.1Hz to 10Hz Voltage Noise
0.01Hz to 1Hz Voltage Noise
Voltage Noise vs Frequency
Input Bias or Offset Current
Output Short-Circuit Current
Current Noise vs Frequency
vs Temperature
vs Time
Input Bias Current Over the
Common Mode Rejection Ratio
Power Supply Rejection Ratio
Common Mode Range
vs Frequency
vs Frequency
TIME (SECONDS)
0
26
8
10
1124/25 G01
4
TIME (SECONDS)
0
20
60
80
100
1124/25 G02
40
FREQUENCY (Hz)
3
10
30
100
0.1
10
100
1000
1124/25 G03
1
1.0
MAXIMUM
TYPICAL
VS = ±15V
TA = 25°C
1/f CORNER
2.3Hz
FREQUENCY (Hz)
0.3
1.0
3.0
10.0
10
1k
10k
1124 G04
0.1
100
VS = ±15V
TA = 25°C
TYPICAL
MAXIMUM
1/f CORNER
100Hz
TEMPERATURE (
°C)
–75
0
10
20
30
–50
25
75
125
1124/25 G05
–25
0
50
100
LT1124M/LT1125M
LT1124AM/LT1125AM
VS = ±15V
TIME FROM OUTPUT SHORT TO GND (MINUTES)
0
0
20
40
50
23
4
LT1124 G06
1
VS = ±15V
10
30
–10
–20
–30
–40
–50
125
°C
25
°C
125
°C
–55
°C
25
°C
–55
°C
COMMON MODE INPUT VOLTAGE (V)
–15
–20
–10
5
20
–10
5
15
1124/25 G07
–5
10
–15
0
10
–5
15
0
DEVICE WITH POSITIVE
INPUT CURRENT
DEVICE WITH NEGATIVE
INPUT CURRENT
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
80
100
120
140
160
1k
100k
1M
10M
1124/25 G08
10k
60
40
20
0
TA = 25°C
VS = ±15V
VCM = ±10V
FREQUENCY (Hz)
1
0
20
40
120
140
160
102
108
1124/25 G09
10
103
104
105 106
107
60
100
80
– PSRR
+PSRR
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com