Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1122BC Datasheet(PDF) 2 Page - Linear Technology

Part # LT1122BC
Description  Fast Settling, JFET Input Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1122BC Datasheet(HTML) 2 Page - Linear Technology

  LT1122BC Datasheet HTML 1Page - Linear Technology LT1122BC Datasheet HTML 2Page - Linear Technology LT1122BC Datasheet HTML 3Page - Linear Technology LT1122BC Datasheet HTML 4Page - Linear Technology LT1122BC Datasheet HTML 5Page - Linear Technology LT1122BC Datasheet HTML 6Page - Linear Technology LT1122BC Datasheet HTML 7Page - Linear Technology LT1122BC Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT1122
Supply Voltage ....................................................
± 20V
Differential Input Voltage ......................................
± 40V
Input Voltage ........................................................
± 20V
Output Short Circuit Duration .......................... Indefinite
Lead Temperature (Soldering, 10 sec.)................. 300
°C
Operating Temperature Range
LT1122AM/BM/CM/DM .................... – 55
°C to 125°C
LT1122AC/BC/CC/DC/CS/DS .............. – 40
°C to 85°C
Storage Temperature Range
All Devices ....................................... – 65
°C to 150°C
PACKAGE/ORDER I FOR ATIO
LT1122AMJ8 LT1122CCJ8
LT1122BMJ8 LT1122DCJ8
LT1122CMJ8 LT1122ACN8
LT1122DMJ8 LT1122BCN8
LT1122ACJ8
LT1122CCN8
LT1122BCJ8
LT1122DCN8
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1122CS8
LT1122DS8
PART MARKING
1122C
1122D
A
G
A
U
A
R
BSOLUTEXI
TI
S
8
7
6
5
4
3
2
1
V
TRIM
–IN
+IN
V
V
TRIM
OUT
+
V
SPEED BOOST/
OVERCOMP
TOP VIEW
N8 PACKAGE
8-LEAD PLASTIC DIP
–
OS
OS
LT1122
J8 PACKAGE
8-LEAD HERMETIC DIP
TJMAX = 150°C, θJA = 130°C/W (N8)
TJMAX = 175°C, θJA = 100°C/W (J8)
8
7
6
5
4
3
2
1
–IN
V
TRIM
+IN
–
V
TRIM
OUT
OS
V
SPEED BOOST/
OVERCOMP
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SOIC
+
OS
V
LT1122
TJMAX = 150°C, θJA = 190°C/W
Consult factory for Industrial grade parts.
ELECTRICAL C
C
HARA TERISTICS VS = ± 15V, TA = 25°C, VCM = 0V unless otherwise noted. (Note 1)
LT1122CM/DM
LT1122AM/BM
LT1122CC/DC
LT1122AC/BC
LT1122CS/DS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
120
600
130
900
µV
IOS
Input Offset Current
4
40
5
50
pA
IB
Input Bias Current
10
75
12
100
pA
Input Resistance
Differential
1012
1012
Ω
Common Mode
VCM = – 10V to + 8V
1012
1012
Ω
VCM = + 8V to + 11V
1011
1011
Ω
Input Capacitance
44
pF
SR
Slew Rate
AV = – 1
60
80
50
75
V/
µs
Settling Time (Note 2)
+ 10V to 0V, – 10V to 0V
100% Tested: A and C Grades
to 1mV at Sum Node
340
540
350
590
ns
B and D Grades to 1mV at Sum Node
350
360
ns
All Grades to 0.5mV at Sum Node
450
470
ns
GBW
Gain Bandwidth Product
14
13
MHz
Power Bandwidth
VOUT = 20Vp-p
1.2
1.1
MHz
AVOL
Large Signal Voltage Gain
VOUT = ± 10V, RL = 2kΩ
180
500
150
450
V/mV
VOUT = ± 10V, RL = 600Ω
130
250
110
220
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ± 10V
83
99
80
98
dB
Input Voltage Range
(Note 3)
± 10.5 ± 11
± 10.5 ± 11
V
PSRR
Power Supply Rejection Ratio
VS = ± 10V to ± 18V
86
103
82
101
dB
Input Noise Voltage
0.1Hz to 10Hz
3.0
3.3
µVP-P
Input Noise Voltage Density
fO = 100Hz
25
27
nV/
√Hz
fO = 10kHz
14
15
nV/
√Hz
Input Noise Current Density
fO = 100Hz, fO = 10kHz
2
2
fA/
√Hz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com