Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1167 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1167
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1167 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1167 Datasheet HTML 9Page - Linear Technology LT1167 Datasheet HTML 10Page - Linear Technology LT1167 Datasheet HTML 11Page - Linear Technology LT1167 Datasheet HTML 12Page - Linear Technology LT1167 Datasheet HTML 13Page - Linear Technology LT1167 Datasheet HTML 14Page - Linear Technology LT1167 Datasheet HTML 15Page - Linear Technology LT1167 Datasheet HTML 16Page - Linear Technology LT1167 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1167
THEORY OF OPERATIO
Figure 3. Providing an Input Common Mode Current Path
A 2N4393 drain/source to gate is a good low leakage diode
for use with 1k resistors, see Figure 4. The input resistors
should be carbon and not metal film or carbon film.
RFI Reduction
In many industrial and data acquisition applications,
instrumentation amplifiers are used to accurately amplify
small signals in the presence of large common mode
voltages or high levels of noise. Typically, the sources of
these very small signals (on the order of microvolts or
millivolts) are sensors that can be a significant distance
from the signal conditioning circuit. Although these sen-
sors may be connected to signal conditioning circuitry,
using shielded or unshielded twisted-pair cabling, the ca-
bling may act as antennae, conveying very high frequency
interference directly into the input stage of the LT1167.
The amplitude and frequency of the interference can have
an adverse effect on an instrumentation amplifier’s input
stage by causing an unwanted DC shift in the amplifier’s
input offset voltage. This well known effect is called RFI
rectification and is produced when out-of-band interfer-
ence is coupled (inductively, capacitively or via radiation)
and rectified by the instrumentation amplifier’s input tran-
sistors. These transistors act as high frequency signal
detectors, in the same way diodes were used as RF
envelope detectors in early radio designs. Regardless of
the type of interference or the method by which it is
coupled into the circuit, an out-of-band error signal ap-
pears in series with the instrumentation amplifier’s inputs.
APPLICATIONS INFORMATION
The LT1167 is a low power precision instrumentation
amplifier that requires only one external resistor to accu-
rately set the gain anywhere from 1 to 1000. The output
can handle capacitive loads up to 1000pF in any gain
configuration and the inputs are protected against ESD
strikes up to 13kV (human body).
Input Protection
The LT1167 can safely handle up to
±20mA of input
current in an overload condition. Adding an external 5k
input resistor in series with each input allows DC input
fault voltages up to
±100V and improves the ESD immu-
nity to 8kV (contact) and 15kV (air discharge), which is the
IEC 1000-4-2 level 4 specification. If lower value input
resistors are needed, a clamp diode from the positive
supply to each input will maintain the IEC 1000-4-2
specification to level 4 for both air and contact discharge.
Figure 4. Input Protection
10k
RG
RG
RG
1167 F03
THERMOCOUPLE
200k
MICROPHONE,
HYDROPHONE,
ETC
200k
CENTER-TAP PROVIDES
BIAS CURRENT RETURN
LT1167
LT1167
LT1167
VEE
1167 F04
VCC
VCC
VCC
J2
2N4393
J1
2N4393
OUT
OPTIONAL FOR HIGHEST
ESD PROTECTION
RG
RIN
RIN
LT1167
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com