Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB10100CT Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MBRB10100CT
Description  10A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRB10100CT Datasheet(HTML) 3 Page - Diodes Incorporated

  MBRB10100CT Datasheet HTML 1Page - Diodes Incorporated MBRB10100CT Datasheet HTML 2Page - Diodes Incorporated MBRB10100CT Datasheet HTML 3Page - Diodes Incorporated MBRB10100CT Datasheet HTML 4Page - Diodes Incorporated MBRB10100CT Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBRB10100CT
Document number: DS37110 Rev. 4 - 2
3 of 5
www.diodes.com
December 2014
© Diodes Incorporated
MBRB10100CT
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Figure 3 Typical Reverse Characteristics
0.00001
0
20
40
60
80
100
0.0001
0.1
1
0.001
0.01
10
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 175°C
A
T = 150°C
A
T , AMBIENT TEMPERATURE (°C)
A
Figure 4 Forward Current Derating Curve
Note 5
0
1
2
3
4
5
6
25
50
75
100
125
150
175
TO263AB (D2PAK)
Dim
Min
Max
Typ
A
4.07
4.82
-
A1
0.00
0.25
-
b
0.51
0.99
-
b2
1.15
1.77
-
c
0.356
0.73
-
c2
1.143
1.65
-
D
8.39
9.65
-
D1
6.55
-
-
e
2.54 TYP
E
9.66
10.66
-
E1
6.23
-
-
H
14.61 15.87
-
L
1.78
2.79
-
L1
-
1.67
-
L2
-
1.77
-
a
0°
8°
-
All Dimensions in mm
E
L1
D
b2
b
e
L2
c2
A
H
See Detail B
7°±1°
c
E1
D1
A1
Gauge Plane
L
L3
a
Detail B
Seating
Plane



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com