Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB20100CT Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MBRB20100CT
Description  20A SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRB20100CT Datasheet(HTML) 3 Page - Diodes Incorporated

  MBRB20100CT Datasheet HTML 1Page - Diodes Incorporated MBRB20100CT Datasheet HTML 2Page - Diodes Incorporated MBRB20100CT Datasheet HTML 3Page - Diodes Incorporated MBRB20100CT Datasheet HTML 4Page - Diodes Incorporated MBRB20100CT Datasheet HTML 5Page - Diodes Incorporated MBRB20100CT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBRB20100CT
I
AVERAGE FORWARD CURRENT (A)
F(AV)
Figure 1 Forward Power Dissipation
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
Tj 175
=
℃
Figure 2 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
T = 175°C
A
0 01
.
0 1
.
1
10
0
0 2
.
0 4
.
0 6
.
0 8
.
1
1 2
.
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 175°C
A
Figure.3 Typical Reverse Characteristics
0 00001
.
0 0001
.
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
VR, INSTANTANSOUS REVERSE VOLTAGE(V)
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
Figure 4 Forward Current Derating Curve
T , AMBIENT TEMPERATURE (°C)
A
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
25
40
55
70
85 100 115 130 145 160 175
Note 5
MBRB20100CT
Document number: DS37071 Rev. 3 - 2
3 of 6
www.diodes.com
September 2014
© Diodes Incorporated



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com