Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB20150CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBRB20150CT
Description  20A SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRB20150CT Datasheet(HTML) 1 Page - Diodes Incorporated

  MBRB20150CT Datasheet HTML 1Page - Diodes Incorporated MBRB20150CT Datasheet HTML 2Page - Diodes Incorporated MBRB20150CT Datasheet HTML 3Page - Diodes Incorporated MBRB20150CT Datasheet HTML 4Page - Diodes Incorporated MBRB20150CT Datasheet HTML 5Page - Diodes Incorporated MBRB20150CT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MBRB20150CT
20A SCHOTTKY BARRIER RECTIFIER
Product Summary
MBRB20150CT (Per Leg)
Description and Applications
This Schottky Barrier Rectifier is designed to meet the general
requirements of commercial applications. It is ideally suited for use as:
•
Polarity Protection Diode
•
Re-Circulating Diode
•
Switching Diode
VRRM (V)
IO (A)
VF (MAX) (V)
@ +25°C
IR (MAX) (mA)
@ +25°C
150
10
0.90
0.05
Features and Benefits
•
Guard Ring Die Construction for Transient Protection
•
High Surge Current Capability
•
Low Forward Voltage Drop
•
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: TO263AB (D2PAK)
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
•
Polarity: See Below
•
Weight: TO263AB(D2PAK) – 1.6 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
MBRB20150CT
TO263AB (D2PAK)
50 pieces/tube
MBRB20150CT-13
TO263AB (D2PAK)
800 pieces/Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
TO263AB(D2PAK)
Top View
Package Pin Out
Configuration
MBRB20150CT = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 14 = 2014)
WW = Week (01 - 53)
Green
MBRB20150CT
Document number: DS37112 Rev. 3 - 2
1 of 6
www.diodes.com
August 2014
© Diodes Incorporated


Similar Part No. - MBRB20150CT

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBRB20150CT SMC-MBRB20150CT Datasheet
246Kb / 7P
SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
MBRB20150CT GOOD-ARK-MBRB20150CT Datasheet
503Kb / 7P
Product Specification
logo
Jiangsu Changjiang Elec...
MBRB20150CT JIANGSU-MBRB20150CT Datasheet
1Mb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Surge Components
MBRB20150CT SURGE-MBRB20150CT Datasheet
754Kb / 7P
Schottky Barrier Rectifier
logo
Foshan Blue Rocket Elec...
MBRB20150CT FOSHAN-MBRB20150CT Datasheet
1Mb / 7P
Schottky Diode in a TO-263 Plastic Package
More results

Similar Description - MBRB20150CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
logo
Shenzhen Luguang Electr...
MBR20150CTP LUGUANG-MBR20150CTP Datasheet
3Mb / 3P
20A Schottky Barrier Rectifier
logo
Diodes Incorporated
MBRB20100CT DIODES-MBRB20100CT_15 Datasheet
369Kb / 6P
20A SCHOTTKY BARRIER RECTIFIER
Rev 3
MBRD20150CT DIODES-MBRD20150CT_15 Datasheet
475Kb / 5P
20A SCHOTTKY BARRIER RECTIFIER
Rev 3
MBR2045CTP DIODES-MBR2045CTP_15 Datasheet
84Kb / 4P
20A SCHOTTKY BARRIER RECTIFIER
Rev 5
logo
Wisdom technologies Int...
MBRF20150CT WISDOM-MBRF20150CT Datasheet
1Mb / 3P
20A SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
MBR20100CT CHONGQING-MBR20100CT Datasheet
213Kb / 1P
20A Schottky Barrier Rectifier
logo
DIYI Electronic Technol...
MBR20H200CT DYELEC-MBR20H200CT Datasheet
1Mb / 4P
20A SCHOTTKY BARRIER RECTIFIER
MBR20H200CTD DYELEC-MBR20H200CTD Datasheet
2Mb / 4P
20A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com