Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1127CS Datasheet(PDF) 6 Page - Linear Technology

Part # LT1127CS
Description  Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1127CS Datasheet(HTML) 6 Page - Linear Technology

  LT1127CS Datasheet HTML 1Page - Linear Technology LT1127CS Datasheet HTML 2Page - Linear Technology LT1127CS Datasheet HTML 3Page - Linear Technology LT1127CS Datasheet HTML 4Page - Linear Technology LT1127CS Datasheet HTML 5Page - Linear Technology LT1127CS Datasheet HTML 6Page - Linear Technology LT1127CS Datasheet HTML 7Page - Linear Technology LT1127CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LT1126/LT1127
S
APPLICATI
I FOR ATIO
Matching Specifications
In many applications the performance of a system de-
pends on the matching between two op amps, rather than
the individual characteristics of the two devices. The three
op amp instrumentation amplifier configuration shown in
this data sheet is an example. Matching characteristics are
not 100% tested on the LT1126/LT1127.
Some specifications are guaranteed by definition. For
example, 70
µV maximum offset voltage implies that mis-
match cannot be more than 140
µV. 112dB (= 2.5µV/V)
CMRR means that worst case CMRR match is 106dB
(5
µV/V). However, the following table can be used to
estimate the expected matching performance between the
two sides of the LT1126, and between amplifiers A and D,
and between amplifiers B and C of the LT1127.
High Speed Operation
When the feedback around the op amp is resistive (RF), a
pole will be created with RF, the source resistance and
capacitance (RS, CS), and the amplifier input capacitance
(CIN ≈ 2pF). In low closed loop gain configurations and
with RS and RF in the kilohm range, this pole can create
excess phase shift and even oscillation. A small capacitor
(CF) in parallel with RF eliminates this problem. With
RS (CS + CIN) = RF CF, the effect of the feedback pole is
completely removed.
FREQUENCY (Hz)
0.01
0.1
1.0
0.1
10
100
LT1126 • TA04
0.001
1
GAIN ERROR =
CLOSED LOOP GAIN
OPEN LOOP GAIN
TYPICAL
PRECISION
OP AMP
LT1126/LT1127
Gain Error vs Frequency
Closed Loop Gain = 1000
–
+
OUTPUT
LT1126 • TA02
RS
CS
RF
CF
CIN
LT1126AM/AC
LT1126M/C
LT1127AM/AC
LT1127M/C
PARAMETER
50% YIELD
98% YIELD
50% YIELD
98% YIELD
UNITS
VOS Match, ∆VOS
LT1126
20
110
30
130
µV
LT1127
30
150
50
180
µV
Temperature Coefficient Match
0.35
1.0
0.5
1.5
µV/°C
Average Non-Inverting IB
618
7
25
nA
Match of Non-Inverting IB
722
8
30
nA
CMRR Match
126
115
123
112
dB
PSRR Match
127
118
127
114
dB
Expected Match
S
APPLICATI
TYPICAL
Gain 1000 Amplifier with 0.01% Accuracy, DC to 5Hz
–
+
OUTPUT
LT1126 • TA03
365
Ω
1%
INPUT
15k
5%
340k
1%
20k
TRIM
+15V
–15V
RN60C FILM RESISTORS
THE HIGH GAIN AND WIDE BANDWIDTH OF THE LT1126/LT1127 IS USEFUL IN LOW FREQUENCY HIGH CLOSED
LOOP GAIN AMPLIFIER APPLICATIONS. A TYPICAL PRECISION OP AMP MAY HAVE AN OPEN LOOP GAIN OF ONE
MILLION WITH 500kHz BANDWIDTH. AS THE GAIN ERROR PLOT SHOWS, THIS DEVICE IS CAPABLE OF 0.1%
AMPLIFYING ACCURACY UP TO 0.3Hz ONLY. EVEN INSTRUMENTATION RANGE SIGNALS CAN VARY AT A FASTER
RATE. THE LT1126/LT1127 “GAIN PRECISION — BANDWIDTH PRODUCT” IS 330 TIMES HIGHER, AS SHOWN.
LT1126



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com