Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1168AI Datasheet(PDF) 10 Page - Linear Technology

Part # LT1168AI
Description  Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1168AI Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1168AI Datasheet HTML 6Page - Linear Technology LT1168AI Datasheet HTML 7Page - Linear Technology LT1168AI Datasheet HTML 8Page - Linear Technology LT1168AI Datasheet HTML 9Page - Linear Technology LT1168AI Datasheet HTML 10Page - Linear Technology LT1168AI Datasheet HTML 11Page - Linear Technology LT1168AI Datasheet HTML 12Page - Linear Technology LT1168AI Datasheet HTML 13Page - Linear Technology LT1168AI Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1168
200
µs/DIV
Large-Signal Transient Response
G = 1000
VS = ±15V
RL = 2k
CL = 60pF
1168 G37
Small-Signal Transient Response
200
µs/DIV
G = 1000
VS = ±15V
RL = 2k
CL = 60pF
1168 G38
TYPICAL PERFOR A CE CHARACTERISTICS
Negative Power Supply Rejection
Ratio vs Frequency
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
1168 G39
160
140
120
100
80
60
40
20
0
G = 1000
G = 100
G = 10
G = 1
VS = ±15V
TA = 25°C
Positive Power Supply Rejection
Ratio vs Frequency
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
1168 G40
160
140
120
100
80
60
40
20
0
G = 1000
G = 100
G = 10
G = 1
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
1168 G41
160
140
120
100
80
60
40
20
0
G = 1000
G = 100
G = 10
G = 1
VS = ±15V
TA = 25°C
1k SOURCE IMBALANCE
TEMPERATURE (
°C)
–50
–25
0.1
0.3
0.6
0
50
75
1168 G42
0.2
0.5
0.4
25
100
125
VS = ±15V
Common Mode Rejection Ratio vs
Frequency (1k Source Imbalance)
Supply Current vs Temperature
Large-Signal Transient Response
50
µs/DIV
G = 100
VS = ±15V
RL = 2k
CL = 60pF
1168 G35
Small-Signal Transient Response
10
µs/DIV
G = 100
VS = ±15V
RL = 2k
CL = 60pF
1168 G36
Small-Signal Transient Response
10
µs/DIV
G = 10
VS = ±15V
RL = 2k
CL = 60pF
1168 G34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com