Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1173 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1173
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1173 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1173 Datasheet HTML 8Page - Linear Technology LT1173 Datasheet HTML 9Page - Linear Technology LT1173 Datasheet HTML 10Page - Linear Technology LT1173 Datasheet HTML 11Page - Linear Technology LT1173 Datasheet HTML 12Page - Linear Technology LT1173 Datasheet HTML 13Page - Linear Technology LT1173 Datasheet HTML 14Page - Linear Technology LT1173 Datasheet HTML 15Page - Linear Technology LT1173 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT1173
13
S
APPLICATI
TYPICAL
Telecom Supply
+5V to –5V Converter
+20V to 5V Step-Down Converter
IN
V
SW2
SW1
LT1173 • TA20
LIM
I
SENSE
GND
100
LT1173-5
1N5818
100 F
µ
L1*
100
µH
Ω
+
–5V OUTPUT
75mA
22
µF
+
+VIN
5V INPUT
* L1= GOWANDA GA10-103K
COILTRONICS CTX100-1
IN
V
SW2
SW1
LT1173 • TA21
LIM
I
SENSE
GND
100
LT1173-5
1N5818
100 F
µ
L1*
220
µH
Ω
+
5V OUTPUT
300mA
* L1 = GOWANDA GA20-223K
+VIN
12V-28V
3V to 5V Step-Up Converter
IN
V
SW2
SW1
LT1173 • TA17
LIM
I
SENSE
GND
2 X 1.5V
CELLS
LT1173-5
1N5818
5V OUTPUT
150mA AT 3V INPUT
60mA AT 2V INPUT
100 F
µ
* L1 = GOWANDA GA10-103K
COILTRONICS CTX100-1 (SURFACE MOUNT)
L1*
100 H
µ
+
9V to 5V Step-Down Converter
IN
V
SW2
SW1
LT1173 • TA18
LIM
I
SENSE
GND
100
9V
BATTERY
LT1173-5
1N5818
100 F
µ
L1*
47
µH
Ω
+
5V OUTPUT
150mA AT 9V INPUT
50mA AT 6.5V INPUT
* L1 = GOWANDA GA10-472K
COILTRONICS CTX50-1
FOR HIGHER OUTPUT CURRENTS SEE LT1073 DATASHEET
LIM
I
FB
GND
LT1173
IRF530
1N4148
+
10
µF
16V
VN2222
1N965B
10nF
10k
3.6M
Ω
+
47
µF
100V
390k
Ω
+
220
µF
10V
44mH
44mH
48V DC
*L1 = CTX110077
+
–
~
~
L1*
500
µH
MUR110
+5V
100mA
2N5400
LT1173 • TA22
IN
V
SW1
SW2
110k
Ω
15V
12V
100
Ω
IQ = 120µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com