Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1122ACN8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1122ACN8
Description  Fast Settling, JFET Input Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1122ACN8 Datasheet(HTML) 8 Page - Linear Technology

  LT1122ACN8 Datasheet HTML 1Page - Linear Technology LT1122ACN8 Datasheet HTML 2Page - Linear Technology LT1122ACN8 Datasheet HTML 3Page - Linear Technology LT1122ACN8 Datasheet HTML 4Page - Linear Technology LT1122ACN8 Datasheet HTML 5Page - Linear Technology LT1122ACN8 Datasheet HTML 6Page - Linear Technology LT1122ACN8 Datasheet HTML 7Page - Linear Technology LT1122ACN8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LT1122
LT1122
TYPICAL APPLICATIONS
Quartz Stabilized Oscillator With 9ppm Distortion
µ
Ω
DISTORTION
TRIM
50k
430pF
560k
47k
4kHz
J CUT
LT1010
LT1122
+
–
LT1122
–15V
+15V
2k
1/4 LTC201
GROUND CRYSTAL CASE
= VACTEC VTL5C10 OR
CLAIREX CLM410
= 1N4148
+15V
1M
560k
100k
Q1
2N3904
+15V
LT1122•TA05
–
+
4.7k
4.7k
5k
OUTPUT
AMPLITUDE
TRIM
10 F
470
LT1006
LT1004
2.5V
4.7k
–15V
OUTPUT
+
–
MOUNT IN CLOSE
PROXIMITY
PACKAGE DESCRIPTION
µ
IN
V
OUT
E
DC
+
–
1 F
200k
1%
20k
1%
100k
1%
1k
50k
200k
1%
20k
1%
LT1122
OUTPUT DC = RMS VALUE OF INPUT
BANDWIDTH WITH 10Vp-p INPUT = 2MHz
+
–
LT1122
LT1122•TA06
Wide-Band, Filtered, Full Wave Rectifier
Please see the
1994 Linear Databook Volume III for package descriptions.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com