Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1125CS Datasheet(PDF) 2 Page - Linear Technology

Part # LT1125CS
Description  Dual/Quad Low Noise, High Speed Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1125CS Datasheet(HTML) 2 Page - Linear Technology

  LT1125CS Datasheet HTML 1Page - Linear Technology LT1125CS Datasheet HTML 2Page - Linear Technology LT1125CS Datasheet HTML 3Page - Linear Technology LT1125CS Datasheet HTML 4Page - Linear Technology LT1125CS Datasheet HTML 5Page - Linear Technology LT1125CS Datasheet HTML 6Page - Linear Technology LT1125CS Datasheet HTML 7Page - Linear Technology LT1125CS Datasheet HTML 8Page - Linear Technology LT1125CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1124/LT1125
LT1124AC/AI/AM
LT1124/C/I/M
LT1125AC/AM
LT1125/C/M
SYMBOL
PARAMETER
CONDITIONS (Note 2)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1124
20
70
25
100
µV
LT1125
25
90
30
140
µV
∆VOS
Long Term Input Offset
0.3
0.3
µV/Mo
∆Time
Voltage Stability
IOS
Input Offset Current
LT1124
5
15
6
20
nA
LT1125
6
20
7
30
nA
LT1125CJ
LT1125ACN
LT1125CN
LT1125AMJ
LT1125MJ
Operating Temperature Range
LT1124AC/LT1124C
LT1125AC/LT1125C (Note 10) .......... – 40
°C to 85°C
LT1124AI/LT1124I ............................ – 40
°C to 85°C
LT1124AM/LT1124M
LT1125AM/LT1125M ...................... – 55
°C to 125°C
Supply Voltage .....................................................
±22V
Input Voltages ......................... Equal to Supply Voltage
Output Short-Circuit Duration ......................... Indefinite
Differential Input Current (Note 6) .....................
±25mA
Lead Temperature (Soldering, 10 sec)................. 300
°C
Storage Temperature Range ................ – 65
°C to 150°C
A
G
A
U
A
R
BSOLUTEXI
TI
S
LT1124CJ8
LT1124ACN8
LT1124CN8
LT1124AMJ8
LT1124MJ8
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LT1125CS
ELECTRICAL C
C
HARA TERISTICS
ORDER PART
NUMBER
S8 PART MARKING
LT1124CS8
LT1124AIS8
LT1124IS8
1124
1124AI
1124I
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
–IN A
OUT A
V+
OUT B
+IN A
V–
+IN B
–IN B
S8 PACKAGE
8-LEAD PLASTIC SO
A
B
TJMAX = 140°C, θJA = 190°C
NOTE: THIS PIN CONFIGURATION DIFFERS FROM THE
8-PIN PDIP CONFIGURATION. INSTEAD, IT FOLLOWS
THE INDUSTRY STANDARD LT1013DS8 SO PACKAGE
PIN LOCATIONS
TJMAX = 140°C, θJA = 130°C
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC (WIDE) SO
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V +
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V –
+IN C
–IN C
OUT C
NC
B
A
C
D
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
N8 PACKAGE
8-LEAD PDIP
J8 PACKAGE
8-LEAD CERDIP
A
B
TJMAX = 160°C, θJA = 100°C (J8)
TJMAX = 140°C, θJA = 130°C (N8)
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PDIP
J PACKAGE
14-LEAD CERDIP
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V –
+IN C
–IN C
OUT C
B
A
C
D
TJMAX = 160°C, θJA = 80°C (J)
TJMAX = 140°C, θJA = 110°C (N)
TA = 25°C, VS = ±15V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com