Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10100CT Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MBR10100CT
Description  10A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR10100CT Datasheet(HTML) 4 Page - Diodes Incorporated

  MBR10100CT Datasheet HTML 1Page - Diodes Incorporated MBR10100CT Datasheet HTML 2Page - Diodes Incorporated MBR10100CT Datasheet HTML 3Page - Diodes Incorporated MBR10100CT Datasheet HTML 4Page - Diodes Incorporated MBR10100CT Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MBR10100CT / MBRF10100CT
Document number: DS36378 Rev. 8 - 2
4of 5
www.diodes.com
December 2013
© Diodes Incorporated
MBR10100CT / MBRF10100CT
A
A1
D1
A2
c
e
b
b1
L
L1
D
Q
E
Ø
P
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
TO220AB
Dim Min
Typ
Max
A
3.56
-
4.82
A1
0.51
-
1.39
A2
2.04
-
2.92
b
0.39 0.81 1.01
b2
1.15 1.24 1.77
c
0.356
-
0.61
D
14.22
-
16.51
D1
8.39
-
9.01
e
2.54
e1
5.08
E
9.66
-
10.66
H1
5.85
-
6.85
L
12.70
-
14.73
L1
-
-
6.35
P
3.54
-
4.08
Q
2.54
-
3.42
All Dimensions in mm
A
A1
c
D
E
b
e1
b2
P
H1
Q
L1
A2
e
D1
*Guaranteed by TO-220AB leadframe design
ITO220AB
Alternate
Dim
Min
Max
A
4.36
4.77
A1
2.54
3.10
A2
2.54
2.80
b
0.55
0.75
b1
1.20
1.50
c
0.38
0.68
D
14.50
15.50
D1
8.38
8.89
e
2.41
2.67
E
9.72
10.27
L
9.87
10.67
L1
15.8
17.00
P
3.08
3.39
Q
2.60
3.00
All Dimensions in mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com