Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1122ACJ8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1122ACJ8
Description  Fast Settling, JFET Input Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1122ACJ8 Datasheet(HTML) 5 Page - Linear Technology

  LT1122ACJ8 Datasheet HTML 1Page - Linear Technology LT1122ACJ8 Datasheet HTML 2Page - Linear Technology LT1122ACJ8 Datasheet HTML 3Page - Linear Technology LT1122ACJ8 Datasheet HTML 4Page - Linear Technology LT1122ACJ8 Datasheet HTML 5Page - Linear Technology LT1122ACJ8 Datasheet HTML 6Page - Linear Technology LT1122ACJ8 Datasheet HTML 7Page - Linear Technology LT1122ACJ8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1122
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Settling Time
Settling Time
Settling Time
(Input From –10V to 0V)
(Input From +10V to 0V)
(Input From 0V to +10V)
100ns/DIV
1122 G01
100ns/DIV
1122 G02
100ns/DIV
1122 G03
200ns/DIV
AV = +1
1122 G05
Settling Time
Undistorted Output Swing vs
(Input From 0V to –10V)
Large Signal Response
Frequency
100ns/DIV
1122 G04
FREQUENCY (Hz)
100k
0
10
20
25
30
1M
10M
100M
V = ±15V
T = 25°C
15
5
S
A
LT1122•TPC01
FREQUENCY (Hz)
1
0
20
40
60
80
100
120
10
100
1k
10k
–20
–40
100k 1M 10M 100M
V = ±15V
T = 25°C
S
A
LT1122•TPC02
Common Mode Rejection vs
Voltage Gain vs Frequency
Gain, Phase vs Frequency
Frequency
FREQUENCY (Hz)
1M
–10
10
20
100M
10M
0
80
100
120
140
160
180
200
V = ±15V
T = 25°C
C = 15pF
S
A
L
LT1122•TPC03
FREQUENCY (Hz)
100
0
20
40
60
80
100
120
1k
10k
1M
100M
V = ±15V
T = 25°C
S
A
100k
10M
LT1122•TPC04



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com