Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1176CS Datasheet(PDF) 4 Page - Linear Technology

Part # LT1176CS
Description  Step-Down Switching Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1176CS Datasheet(HTML) 4 Page - Linear Technology

  LT1176CS Datasheet HTML 1Page - Linear Technology LT1176CS Datasheet HTML 2Page - Linear Technology LT1176CS Datasheet HTML 3Page - Linear Technology LT1176CS Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
LT1176/LT1176-5
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
© LINEAR TECHNOLOGY CORPORATION 1993
LT/GP 0393 10K REV 0
I
DAGRA
BLOCK
NOTE:
PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS.
SEE
NOTE
0.496 – 0.512
(12.598 – 13.005)
20
19
18
17
16
15
14
13
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
910
11
12
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP
0.014 – 0.019
(0.356 – 0.482)
TYP
0° – 8° TYP
SEE NOTE
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299
(7.391 – 7.595)
× 45°
0.010 – 0.029
(0.254 – 0.737)
0.005
(0.127)
RAD MIN
PACKAGE DESCRIPTIO
Dimensions in inches (milimeters) unless otherwise noted.
N Package 8-Lead Plastic DIP
0.045 ± 0.015
(1.143 ± 0.381)
0.100 ± 0.010
(2.540 ± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130 ± 0.005
(3.302 ± 0.127)
0.020
(0.508)
MIN
0.018 ± 0.003
(0.457 ± 0.076)
0.125
(3.175)
MIN
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.320
(7.620 – 8.128)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
12
3
4
87
6
5
0.250 ± 0.010
(6.350 ± 0.254)
0.400
(10.160)
MAX
S Package 20-Lead Plastic SOL
2.35V
–
+
µPOWER
SHUTDOWN
–
+
0.3V
SHUTDOWN
INPUT SUPPLY
CURRENT LIMIT
SHUTDOWN
6V
REGULATOR
AND BIAS
ILIM
6V TO ALL
CIRCUITRY
320
µA
10
µA
4.5V
10k
–
+
CURRENT LIMIT
COMP
C2
500
Ω
0.16
Ω
R
R/S
LATCH
R
SQ
–
+
100kHz
OSCILLATOR
FREQ SHIFT
SYNC
3VP-P
ANALOG
MULTIPLIER
XYZ
Z
Y
X
VIN
OUTPUT
VOLTAGE
MONITOR
STATUS
2.21V
2.8k
FB/SENSE
2.2k*
VC
24V (EQUIVALENT)
400
Ω
SWITCH
OUTPUT
(VSW)
–
+
A1
ERROR
AMP
C1
PULSE WIDTH
COMPARATOR
*CONNECTED ON 5V VERSION ONLY
LT1176/76-5 • BD
G1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com