Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1172HVC Datasheet(PDF) 7 Page - Linear Technology

Part # LT1172HVC
Description  100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1172HVC Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1172HVC Datasheet HTML 3Page - Linear Technology LT1172HVC Datasheet HTML 4Page - Linear Technology LT1172HVC Datasheet HTML 5Page - Linear Technology LT1172HVC Datasheet HTML 6Page - Linear Technology LT1172HVC Datasheet HTML 7Page - Linear Technology LT1172HVC Datasheet HTML 8Page - Linear Technology LT1172HVC Datasheet HTML 9Page - Linear Technology LT1172HVC Datasheet HTML 10Page - Linear Technology LT1172HVC Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT1170/LT1171/LT1172
1.24V
REF
1170/1/2 BD
ERROR
AMP
100kHz
OSC
2.3V
REG
VIN
FB
+
–
+
–
SHUTDOWN
CIRCUIT
VC
COMP
LOGIC
DRIVER
ANTI-
SAT
FLYBACK
ERROR
AMP
16V
SWITCH
OUT
5A, 75V
SWITCH
0.02
(0.04
(0.16
Ω
Ω LT1171)
Ω LT1172)
0.16
Ω
CURRENT
AMP
GAIN
6
≈
0.15V
ALWAYS CONNECT E1 TO THE GROUND PIN ON MINIDIP, 8- AND 16-PIN SURFACE MOUNT PACKAGES.
E1 AND E2 INTERNALLY TIED TO GROUND ON TO-3 AND TO-220 PACKAGES.
†
MODE
SELECT
E1†
E2
(LT1170 AND LT1171 ONLY)
LT1172
The LT1170/LT1171/LT1172 are current mode switchers.
This means that switch duty cycle is directly controlled by
switch current rather than by output voltage. Referring to
the block diagram, the switch is turned “on” at the start of
each oscillator cycle. It is turned “off” when switch current
reaches a predetermined level. Control of output voltage is
obtained by using the output of a voltage sensing error
amplifier to set current trip level. This technique has
several advantages. First, it has immediate response to
input voltage variations, unlike ordinary switchers which
have notoriously poor line transient response. Second, it
reduces the 90
° phase shift at midfrequencies in the
energy storage inductor. This greatly simplifies closed-
loop frequency compensation under widely varying input
voltage or output load conditions. Finally, it allows simple
pulse-by-pulse current limiting to provide maximum switch
protection under output overload or short conditions. A
low dropout internal regulator provides a 2.3V supply for
all internal circuitry on the LT1170/LT1171/LT1172. This
low dropout design allows input voltage to vary from 3V to
60V with virtually no change in device performance. A
100kHz oscillator is the basic clock for all internal timing.
It turns “on” the output switch via the logic and driver
circuitry. Special adaptive anti-sat circuitry detects onset
of saturation in the power switch and adjusts driver
current instantaneously to limit switch saturation. This
minimizes driver dissipation and provides very rapid turn-
off of the switch.
A 1.2V bandgap reference biases the positive input of the
error amplifier. The negative input is brought out for
output voltage sensing. This feedback pin has a second
OPERATIO
BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com