Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1187 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1187
Description  Low Power Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1187 Datasheet(HTML) 2 Page - Linear Technology

  LT1187 Datasheet HTML 1Page - Linear Technology LT1187 Datasheet HTML 2Page - Linear Technology LT1187 Datasheet HTML 3Page - Linear Technology LT1187 Datasheet HTML 4Page - Linear Technology LT1187 Datasheet HTML 5Page - Linear Technology LT1187 Datasheet HTML 6Page - Linear Technology LT1187 Datasheet HTML 7Page - Linear Technology LT1187 Datasheet HTML 8Page - Linear Technology LT1187 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT1187
2
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
Total Supply Voltage (V + to V –) ............................. 18V
Differential Input Voltage ........................................
±6V
Input Voltage ..........................................................
±VS
Output Short Circuit Duration (Note 1) ........ Continuous
Operating Temperature Range
LT1187M ..................................... – 55
°C to 150°C
LT1187C............................................. 0
°C to 70°C
Junction Temperature (Note 2)
Plastic Package (CN8,CS8) ......................... 150
°C
Ceramic Package (CJ8,MJ8) ....................... 175
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................ 300
°C
S8 PART MARKING
LT1187MJ8
LT1187CJ8
LT1187CN8
LT1187CS8
LT1187M/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
Either Input, (Note 4)
2.0
10
mV
SOIC Package
2.0
11
mV
IOS
Input Offset Current
Either Input
0.2
1.0
µA
IB
Input Bias Current
Either Input
±0.5
±2.0
µA
en
Input Noise Voltage
fO = 10kHz
65
nV/
√Hz
in
Input Noise Current
fO = 10kHz
1.5
pA/
√Hz
RIN
Input Resistance
Differential
100
k
Ω
CIN
Input Capacitance
Either Input
2.0
pF
VIN LIM
Input Voltage Limit
(Note 5)
±380
mV
Input Voltage Range
–2.5
3.5
V
CMRR
Common-Mode Rejection Ratio
VCM = –2.5V to 3.5V
70
100
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.375V to ±8V
70
85
dB
VOUT
Output Voltage Swing
VS = ±5V, RL = 1k, AV = 50
±3.8
±4.0
V
VS = ±8V, RL = 1k, AV = 50
±6.7
±7.0
VS = ±8V, RL = 300Ω, AV = 50, (Note 3)
±6.4
±6.8
GE
Gain Error
VO = ±1V, AV = 10, RL = 1k
0.2
1.0
%
SR
Slew Rate
(Note 6, 10)
100
165
V/
µs
FPBW
Full Power Bandwidth
VO = 1VP-P, (Note 7)
53
MHz
BW
Small Signal Bandwidth
AV = 10
5.7
MHz
tr, tf
Rise Time, Fall Time
AV = 50, VO = ±1.5V, 20% to 80% (Note 10)
150
230
325
ns
tPD
Propagation Delay
RL= 1k, VO = ±125mV, 50% to 50%
26
ns
Overshoot
VO = ± 50mV
0
%
ts
Settling Time
3V Step, 0.1%, (Note 8)
100
ns
Diff AV
Differential Gain
RL = 1k, AV = 4, (Note 9)
0.6
%
Diff Ph
Differential Phase
RL = 1k, AV = 4, (Note 9)
0.8
DEGP-P
IS
Supply Current
13
16
mA
Shutdown Supply Current
Pin 5 at V –
0.8
1.5
mA
5V
–
+
VS = ±5V, VREF = 0V, RFB1 = 900Ω from pins 6 to 8, RFB2 = 100Ω from pin 8 to ground, RL = RFB1 + RFB2 = 1k, CL ≤ 10pF, pin 5 open.
ELECTRICAL C
C
HARA TERISTICS T
A = 25°C, (Note 3)
TJMAX = 175°C, θJA = 100°C/W (J8)
TJMAX = 150°C, θJA = 100°C/W (N8)
TJMAX = 150°C, θJA = 150°C/W (S8)
8
7
6
5
4
3
2
1
+/REF
–IN
+IN
V
S/D
OUT
+
V
–/FB
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SOIC
–
N8 PACKAGE
8-LEAD PLASTIC DIP
J8 PACKAGE
8-LEAD HERMETIC DIP
LT1187 • POI01
1187
Consult factory for Industrial grade parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com