Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS2KA Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # HS2KA
Description  High Efficient Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS2KA Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  HS2KA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS2KA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HS2KA Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HS2KA Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
HS2MA
HS2MA
HS2MA
(TA=25℃ unless otherwise noted)
Document Number: DS_D1405053
Version: H14
RATINGS AND CHARACTERISTICS CURVES
Note 1: "x" defines voltage from 50V (HS2AA) to 1000V (HS2MA)
EXAMPLE
HS2AA thru HS2MA
ORDERING INFORMATION
AEC-Q101
QUALIFIED
Taiwan Semiconductor
PACKING
HS2xA
(Note 1)
HS2MA R3
HS2MA R3G
PREFERRED P/N
F3
N/A
E3
PACKING CODE GREEN COMPOUND
CODE
PACKAGE
Prefix "H"
R3
Suffix "G"
SMA
1,800 / 7" Plastic reel
R2
SMA
7,500 / 13" Paper reel
M2
SMA
7,500 / 13" Plastic reel
DESCRIPTION
Folded SMA
1,800 / 7" Plastic reel
F2
Folded SMA
7,500 / 13" Paper reel
F4
Folded SMA
7,500 / 13" Plastic reel
G
Green compound
Clip SMA
1,800 / 7" Plastic reel
E2
Clip SMA
7,500 / 13" Plastic reel
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
H
R3
AEC-Q101 qualified
HS2MAHR3
R3
R3
0
0.5
1
1.5
2
0
204060
80
100
120
140
160
LEAD TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
0
10
20
30
40
50
60
70
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
HS2AA-HS2DA
HS2GA
HS2JA-HS2MA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com