Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1185IT Datasheet(PDF) 13 Page - Linear Technology

Part # LT1185IT
Description  Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1185IT Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1185IT Datasheet HTML 8Page - Linear Technology LT1185IT Datasheet HTML 9Page - Linear Technology LT1185IT Datasheet HTML 10Page - Linear Technology LT1185IT Datasheet HTML 11Page - Linear Technology LT1185IT Datasheet HTML 12Page - Linear Technology LT1185IT Datasheet HTML 13Page - Linear Technology LT1185IT Datasheet HTML 14Page - Linear Technology LT1185IT Datasheet HTML 15Page - Linear Technology LT1185IT Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1185
TYPICAL APPLICATIO S
Time Delayed Start-Up
Low Input Voltage Monitor Tracks Dropout Characteristics
R6**
1k
+
–
4k
R1
2.37k
R2
2.6k
R7
27k
C1
2.2
µF
TANT
VOUT
–
+
OPTIONAL HYSTERSIS
≈2M
LT1006
†
V–
V+
3
2
4
7
“LOW” FOR LOW INPUT
OUTPUT SWINGS FROM VIN
+ TO V
IN
–
R3
360k
R4**
1k
R5*
0.01
Ω
C2
2.2
µF
TANT
REF
GND
FB
VOUT
LT1185
VIN
+
–
VIN
*3" #26 WIRE
**R4 DETERMINES TRIP POINT AT IOUT = 0
R6 DETERMINES INCREASE OF TRIP POINT AS IOUT INCREASES
TRIP POINT FOR VIN = VOUT
()
1 + R4 • R7
R3 • R6
+ IOUT
R5 • R7
R6
FOR VALUES SHOWN, TRIP POINT FOR VIN IS:
VOUT + 0.37V AT IOUT = 0 AND VOUT = 1.18V AT IOUT = 3A
†DO NOT SUBSTITUTE. OP AMP MUST HAVE COMMON MODE
RANGE EQUAL TO NEGATIVE SUPPLY
LT1185 • TA05
+
+
+
–
REF
GND
FB
VOUT
LT1185
VIN
RLIM***
D1
D2
R3**
15k
C3*
D3
†
C2
2.2
µF
VIN
R2
R1
2.37k
C1
2.2
µF
TANT
+
–
VOUT
LT1185 • TA06
ALL DIODES 1N4148
*SEE CHART FOR DELAY TIME VERSUS (C3)(R3//RLIM) PRODUCT
**FOR LONG DELAY TIMES, REPLACE D2 WITH 2N3906 TRANSISTOR AND USE R3 ONLY FOR
CALCULATING DELAY TIME. R3 CAN INCREASE TO 100k
***ILIM IS ≈11k/RLIM, INSTEAD OF 15k, BECAUSE OF VOLTAGE DROP IN D1. TEMPERATURE
COEFFICIENT OF ILIM WILL BE ≈0.11%/°C, SO ADEQUATE MARGIN MUST BE ALLOWED
FOR COLD OPERATION
†D3 PROVIDES FAST RESET OF TIMING. INPUT MUST DROP TO A LOW VALUE TO RESET TIMING
Q1**
+
+
Delay Time
INPUT VOLTAGE (V)
0
1.5
2.0
2.5
15
25
LT1185 • TA07
1.0
0.5
0
510
20
3.0
3.5
4.0
30
*t = (R3//RLIM)(C3) =
()
R3 • RLIM
R3 + RLIM
(C3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com