Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1133ACSW Datasheet(PDF) 1 Page - Linear Technology

Part # LT1133ACSW
Description  Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1133ACSW Datasheet(HTML) 1 Page - Linear Technology

  LT1133ACSW Datasheet HTML 1Page - Linear Technology LT1133ACSW Datasheet HTML 2Page - Linear Technology LT1133ACSW Datasheet HTML 3Page - Linear Technology LT1133ACSW Datasheet HTML 4Page - Linear Technology LT1133ACSW Datasheet HTML 5Page - Linear Technology LT1133ACSW Datasheet HTML 6Page - Linear Technology LT1133ACSW Datasheet HTML 7Page - Linear Technology LT1133ACSW Datasheet HTML 8Page - Linear Technology LT1133ACSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1130A/LT1140A Series
Advanced Low Power
5V RS232 Drivers/Receivers
with Small Capacitors
s
ESD Protection over
±10kV
(
±15kV IEC-1000-4-2 for LT1133A, LT1137A
and LT1141A)
s
Uses Small Capacitors: 0.1
µF, 0.2µF
s
1
µA Supply Current in SHUTDOWN
s
120kBaud Operation for RL = 3k, CL = 2500pF
s
250kBaud Operation for RL = 3k, CL = 1000pF
s
CMOS Comparable Low Power
s
Easy PC Layout: Flowthrough Architecture
s
Rugged Bipolar Design: Absolutely No Latchup
s
Outputs Assume a High Impedance State When Off
or Powered Down
s
Improved Protection: RS232 I/O Lines Can Be Forced
to
±30V Without Damage
s
Output Overvoltage Does Not Force Current Back
into Supplies
s
Available in SO and SSOP Packages
The LT
®1130A/LT1140A series of RS232 drivers/receiv-
ers features special bipolar construction techniques which
protect the drivers and receivers beyond the fault condi-
tions stipulated for RS232. Driver outputs and receiver
inputs can be shorted to
±30V without damaging the
device or the power supply generator. In addition, the
RS232 I/O pins are resilient to multiple
±10kV ESD strikes.
An advanced driver output stage operates up to 250kbaud
while driving heavy capacitive loads. Supply current is
typically 12mA, competitive with CMOS devices.
Several members of the series include flexible operating
mode controls. The DRIVER DISABLE pin disables the
drivers and the charge pump, the ON/OFF pin shuts down
all circuitry. While shut down, the drivers and receivers
assume high impedance output states.
, LTC and LT are registered trademarks of Linear Technology Corporation.
LT1136A 4-Driver/5-Receiver RS232 Transceiver w/Shutdown
LT1137A 3-Driver/5-Receiver RS232 Transceiver w/Shutdown
LT1138A 5-Driver/3-Receiver RS232 Transceiver w/Shutdown
LT1139A 4-Driver/4-Receiver RS232 Transceiver w/Shutdown
LT1140A 5-Driver/3-Receiver RS232 Transceiver w/o Charge Pump
LT1141A 3-Driver/5-Receiver RS232 Transceiver w/o Charge Pump
LT1130A 5-Driver/5-Receiver RS232 Transceiver
LT1131A 5-Driver/4-Receiver RS232 Transceiver w/Shutdown
LT1132A 5-Driver/3-Receiver RS232 Transceiver
LT1133A 3-Driver/5-Receiver RS232 Transceiver
LT1134A 4-Driver/4-Receiver RS232 Transceiver
LT1135A 5-Driver/3-Receiver RS232 Transceiver w/o Charge Pump
R
LT1130A • TA02
RECEIVER
OUTPUT
CL = 50pF
DRIVER
OUTPUT
RL = 3k
CL = 2500pF
INPUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
5V VCC
DRIVER OUT
RX IN
DRIVER OUT
RX IN
RX IN
RX IN
DRIVER OUT
RX IN
ON/OFF = 5V
DRIVER IN
RX OUT
DRIVER IN
RX OUT
RX OUT
RX OUT
DRIVER IN
RX OUT
V+
0.1
µF
0.1
µF
× 2
0.1
µF
× 2
0.1
µF
GND
DRIVER DISABLE
TO LINE
TO LOGIC
V –
1130A • TA01
LT1137A
Basic Operation
Output Waveforms
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO


Similar Part No. - LT1133ACSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1130A LINER-LT1130A Datasheet
210Kb / 12P
Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
LT1130A LINER-LT1130A_15 Datasheet
210Kb / 12P
Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
LT1137A LINER-LT1137A Datasheet
236Kb / 12P
Low Power 5V RS232 Dual Driver/Receiver with
More results

Similar Description - LT1133ACSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1080 LINER-LT1080 Datasheet
213Kb / 12P
Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1537 LINER-LT1537 Datasheet
250Kb / 8P
Advanced Low Power 5V RS232 Transceiver with Small Capacitors
LTC1384 LINER-LTC1384 Datasheet
217Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384_1 Datasheet
120Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384IG LINER-LTC1384IG Datasheet
115Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384_15 Datasheet
126Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LT1080 LINER-LT1080_15 Datasheet
168Kb / 12P
Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1537 LINER-LT1537_15 Datasheet
230Kb / 8P
Advanced Low Power 5V RS232 Transceiver with Small Capacitors
LT1130A LINER-LT1130A_15 Datasheet
210Kb / 12P
Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
LT1140A LINER-LT1140A_15 Datasheet
210Kb / 12P
Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com