Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1187CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1187CS8
Description  Low Power Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1187CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1187CS8 Datasheet HTML 4Page - Linear Technology LT1187CS8 Datasheet HTML 5Page - Linear Technology LT1187CS8 Datasheet HTML 6Page - Linear Technology LT1187CS8 Datasheet HTML 7Page - Linear Technology LT1187CS8 Datasheet HTML 8Page - Linear Technology LT1187CS8 Datasheet HTML 9Page - Linear Technology LT1187CS8 Datasheet HTML 10Page - Linear Technology LT1187CS8 Datasheet HTML 11Page - Linear Technology LT1187CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1187
APPLICATIO S I FOR ATIO
Operating with Low Closed-Loop Gains
The LT1187 has been optimized for closed-loop gains of
2 or greater. For a closed-loop gain of 2 the response
peaks about 2dB. Peaking can be eliminated by placing a
capacitor across the feedback resistor, (feedback zero).
This peaking shows up as time domain overshoot of
about 25%.
Closed-Loop Voltage Gain vs Frequency
Small-Signal Transient Response
Small-Signal Transient Response
Extending the Input Range
Figure 1 shows a simplified schematic of the LT1187. In
normal operation the REF pin 1 is grounded or taken to a
DC offset control voltage and differential signals are ap-
plied between pins 2 and 3. The input responds linearly
until all of the 345
µA current flows through the 1.1k
resistor and Q1 (or Q2) turns off. Therefore the maximum
input swing is 380mVP or 760mVP-P. The second differen-
tial pair, Q3 and Q4, is running at slightly larger current so
that when the first input stage limits, the second stage
remains biased to maintain the feedback.
Occasionally it is necessary to handle signals larger than
760mVP-P at the input. The LT1187 input stage can be
tricked to handle up to 1.5VP-P. To do this, it is necessary
to ground pin 3 and apply the differential input signal
between pin 1 and 2. The input signal is now applied
across two 1.1k resistors in series. Since the input signal
is applied to both input pairs, the first pair will run out of
bias current before the second pair, causing the amplifier
to go open-loop. The results of this technique are shown
in the following scope photo.
FREQUENCY (Hz)
9
LT1187 • AI03
100M
10M
1M
100k
7
5
–1
1
3
VS = ±5V
TA = 25°C
AV = 2
RFB = 900Ω
RG = 900Ω
CFB = 0pF
0
2
4
6
8
CFB = 10pF
CFB = 5pF
AV = 2, OVERSHOOT = 25%, RFB = RG = 1k
LT1187 • AI04
AV = 2, WITH 8pF FEEDBACK CAPACITOR
LT1187 • AI05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com