Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1205CS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1205CS
Description  150MHz Video Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1205CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1205CS Datasheet HTML 7Page - Linear Technology LT1205CS Datasheet HTML 8Page - Linear Technology LT1205CS Datasheet HTML 9Page - Linear Technology LT1205CS Datasheet HTML 10Page - Linear Technology LT1205CS Datasheet HTML 11Page - Linear Technology LT1205CS Datasheet HTML 12Page - Linear Technology LT1205CS Datasheet HTML 13Page - Linear Technology LT1205CS Datasheet HTML 14Page - Linear Technology LT1205CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1203/LT1205
S
APPLICATI
I FOR ATIO
+1
+1
+1
+1
U1
LT1205
16
9
10
11
12
13
14
15
C2
0.1
µF
C7
0.1
µF
1
R1
75
Ω
C1
0.1
µF
8
7
6
5
4
3
2
+1
+1
+1
+1
U2
LT1205
16
9
10
11
12
13
14
15
1
8
7
6
5
4
3
2
1
5V
8
16
4
5
6
A
B
C
D
EN
3
2
15
7
2
3
7
4
6
OUTPUT
OPTIONAL
RX
10k
9
10
11
12
13
14
A
G2A
G2B
G1
C
B
Y0
Y7
Y6
Y5
Y4
Y3
Y2
Y1
+1
+1
+1
+1
U3
LT1205
16
9
10
11
12
13
14
15
1
8
7
6
5
4
3
2
+1
+1
+1
U4
LT1205
16
9
LT1203/05 • F05
10
11
12
13
14
15
1
8
CH15
CH0
7
6
5
4
3
2
GND
15V
–15V
RF
1.6k
RG
1.6k
RS
75
Ω
C5
4.7
µF
+
C6
4.7
µF
–
+
U6
LT1252
U5
74HCT238
R16
75
Ω
C4
0.1
µF
C3
0.1
µF
+1
D
X
L
L
L
L
L
L
L
L
H
H
H
H
H
H
H
H
C
X
L
L
L
L
H
H
H
H
L
L
L
L
H
H
H
H
B
X
L
L
H
H
L
L
H
H
L
L
H
H
L
L
H
H
A
X
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
OFF
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
CH9
CH10
CH11
CH12
CH13
CH14
CH15
SELECT
LOGIC
TRUTH TABLE
OUTPUT
ENABLE
EN
Figure 5. 16-to-1 Multiplexer and Truth Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com