Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3448 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3448
Description  1.5MHz/2.25MHz, 600mA Synchronous Step-Down Regulator with LDO Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3448 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3448_15 Datasheet HTML 3Page - Linear Technology LTC3448_15 Datasheet HTML 4Page - Linear Technology LTC3448_15 Datasheet HTML 5Page - Linear Technology LTC3448_15 Datasheet HTML 6Page - Linear Technology LTC3448_15 Datasheet HTML 7Page - Linear Technology LTC3448_15 Datasheet HTML 8Page - Linear Technology LTC3448_15 Datasheet HTML 9Page - Linear Technology LTC3448_15 Datasheet HTML 10Page - Linear Technology LTC3448_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC3448
3448f
FU CTIO AL DIAGRA
OPERATIO (Refer to Functional Diagram)
+
–
EA
IRCMP
+
–
ICOMP
6
8
RUN
OSC
SLOPE
COMP
LDO CONTROL
LOGIC
LDO
DRIVE
0.6V
0.6V REF
VIN
FREQ
7
SYNC
3
MODE
VOUT
1
VFB
SHUTDOWN
VIN
VIN
S
OSC
R
RS LATCH
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
ANTI-
SHOOT-
THRU
Q
Q
5
Ω
4
SW
5
GND
3448 F01
9
2
+
–
0.6V +
∆OVL
OVDET
Figure 1
Main Control Loop
The LTC3448 uses a constant frequency, current mode,
step-down architecture. Both the main (P-channel MOS-
FET) and synchronous (N-channel MOSFET) switches are
internal. During normal operation, the internal top power
MOSFET is turned on each cycle when the oscillator sets
the RS latch, and turned off when the current comparator,
ICOMP, resets the RS latch. The peak inductor current at
which ICOMP resets the RS latch, is controlled by the
output of error amplifier EA. When the load current
increases, it causes a slight decrease in the feedback
voltage FBINT relative to the 0.6V reference, which in turn,
causes the EA amplifier’s output voltage to increase until
the average inductor current matches the new load cur-
rent. While the top MOSFET is off, the bottom MOSFET is
turned on until either the inductor current starts to re-
verse, as indicated by the current reversal comparator
IRCMP, or the beginning of the next clock cycle. The
comparator OVDET guards against transient overshoots
5.8% by turning off the main switch and keeping it off until
the fault is removed.
Pulse Skipping Mode Operation
At light loads, the inductor current may reach zero or
reverse on each pulse. The bottom MOSFET is turned off
by the current reversal comparator, IRCMP, and the switch
voltage will ring. This is discontinuous mode operation,
and is normal behavior for the switching regulator. At very
light loads, the LTC3448 will automatically skip pulses to
maintain output regulation.
Low Ripple LDO Mode Operation
At load currents below ILDO(ON), and when enabled, the
LTC3448 will switch into very low ripple, linear regulating
operation (LRO). In this mode, the current is sourced from



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com