Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT18 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HT18
Description  High Efficient Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HT18 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HT18 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HT18 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HT18 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HT18 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- High efficiency, Low VF
- High current capability
- High reliability
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
50
100
200
300
400
600
800
1000
V
VRMS
35
70
140
210
280
420
560
700
V
VDC
50
100
200
300
400
600
800
1000
V
IF(AV)
A
Trr
ns
Cj
pF
RθJA
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1402004
Version: F14
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300 μs, 1% duty cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
HT
15
1.0
1.3
1.7
50
Maximum reverse recovery time (Note 2)
75
Typical junction capacitance (Note 3)
Typical thermal resistance
100
Operating junction temperature range
- 55 to +150
20
15
A
Maximum instantaneous forward voltage (Note 1)
@ 1 A
VF
V
Maximum reverse current @ rated VR TJ=25 ℃
TJ=125 ℃
IR
5
μA
150
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
30
HT
14
HT
16
HT
17
HT
18
UNIT
Maximum repetitive peak reverse voltage
MECHANICAL DATA
Case:
TS-1
TS-1
Weight:
0.2g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
HT
11
HT
12
HT
13
HT11 thru HT18
Taiwan Semiconductor
High Efficient Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC


Similar Part No. - HT18

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT18 SUTEX-HT18 Datasheet
76Kb / 3P
Electronic Telephone Line Switch
logo
Taiwan Semiconductor Co...
HT18 TSC-HT18 Datasheet
62Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT18 TSC-HT18 Datasheet
272Kb / 2P
1.0 AMP. High Efficient Rectifiers
logo
Supertex, Inc
HT18 SUTEX-HT18 Datasheet
369Kb / 4P
Electronic Telephone Line Switch
logo
Taiwan Semiconductor Co...
HT18 TSC-HT18 Datasheet
549Kb / 2P
1.0 AMP. High Efficient Rectifiers
More results

Similar Description - HT18

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER2001 GOOD-ARK-HER2001 Datasheet
152Kb / 2P
High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER151 TSC-HER151 Datasheet
267Kb / 2P
1.5 AMPS. High Efficient Rectifiers
HER201 TSC-HER201_11 Datasheet
190Kb / 2P
2.0AMPS High Efficient Rectifiers
HER301 TSC-HER301_11 Datasheet
196Kb / 2P
3.0AMPS High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HER101 LUGUANG-HER101 Datasheet
207Kb / 3P
1.0AMP. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101 TSC-HER101_14 Datasheet
377Kb / 4P
High Efficient Rectifiers
HER101S TSC-HER101S_14 Datasheet
377Kb / 4P
High Efficient Rectifiers
HER151 TSC-HER151_14 Datasheet
377Kb / 4P
High Efficient Rectifiers
HER201 TSC-HER201_13 Datasheet
426Kb / 4P
2.0AMPS High Efficient Rectifiers
HER301 TSC-HER301_13 Datasheet
425Kb / 4P
3.0AMPS High Efficient Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com