Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1140ACSW Datasheet(PDF) 7 Page - Linear Technology

Part # LT1140ACSW
Description  Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1140ACSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1140ACSW Datasheet HTML 3Page - Linear Technology LT1140ACSW Datasheet HTML 4Page - Linear Technology LT1140ACSW Datasheet HTML 5Page - Linear Technology LT1140ACSW Datasheet HTML 6Page - Linear Technology LT1140ACSW Datasheet HTML 7Page - Linear Technology LT1140ACSW Datasheet HTML 8Page - Linear Technology LT1140ACSW Datasheet HTML 9Page - Linear Technology LT1140ACSW Datasheet HTML 10Page - Linear Technology LT1140ACSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1130A/LT1140A Series
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Shutdown to Driver Output
Receiver Short-Circuit Current
Driver Short-Circuit Current
Driver Output Waveforms
LT1137A • TPC12
10
5
0
–10
–5
DRIVER OUTPUT
RL = 3k
CL = 2500pF
INPUT
DRIVER OUTPUT
RL = 3k
PI FU CTIO S
VCC: 5V Input Supply Pin. Supply current drops to zero in
the shutdown mode. This pin should be decoupled with a
0.1
µF ceramic capacitor close to the package pin. Insuffi-
cient supply bypassing can result in low output drive levels
and erratic charge pump operation.
GND: Ground Pin.
ON/OFF: Control the operation mode of the device and is
TTL/CMOS compatible. A logic low puts the device in the
shutdown mode which reduces input supply curent to zero
and places all of the drivers and receivers in high imped-
ance state. A logic high fully enables the transceiver.
DRIVER DISABLE: This pin provides an alternate control
for the charge pump and RS232 drivers. A logic high on
this pin shuts down the charge pump and places all drivers
in a high impedance state. Receivers remain active under
these conditions. Floating the DRIVER DISABLE pin or
driving it to a logic low level fully enables the transceiver.
A logic low on the ON/OFF pin supersedes the state of the
DRIVER DISABLE pin. Supply current drops to 4mA when
in driver disable mode.
V+: Positive Supply Output (RS232 Drivers). V+
≈ 2VCC –
1.5V. This pin requires an external charge storage capaci-
tor C
≥ 1.0µF, tied to ground or VCC. Larger value capaci-
tors may be used to reduce supply ripple. With multiple
transceivers, the V + and V – pins may be paralleled into
common capacitors. For large numbers of transceivers,
increasing the size of the shared common storage capaci-
tors is recommended to reduce ripple.
TEMPERATURE (°C)
–55
20
25
30
25
75
LT1137A • TPC10
15
10
–25
0
50
100
125
5
0
ISC+
ISC –
TEMPERATURE (°C)
–55
0
20
50
0
50
75
LT1137A • TPC11
10
40
30
–25
25
100
125
ISC+
ISC–
LT1137A • TPC13
DRIVER
OUTPUT HIGH
RL = 3k
ON/OFF PIN
DRIVER
OUTPUT LOW
RL = 3k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com