Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1208CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1208CS8
Description  Dual and Quad 45MHz, 400V/us Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1208CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1208CS8 Datasheet HTML 1Page - Linear Technology LT1208CS8 Datasheet HTML 2Page - Linear Technology LT1208CS8 Datasheet HTML 3Page - Linear Technology LT1208CS8 Datasheet HTML 4Page - Linear Technology LT1208CS8 Datasheet HTML 5Page - Linear Technology LT1208CS8 Datasheet HTML 6Page - Linear Technology LT1208CS8 Datasheet HTML 7Page - Linear Technology LT1208CS8 Datasheet HTML 8Page - Linear Technology LT1208CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1208/LT1209
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
FREQUENCY (Hz)
100k
1M
10M
100M
1208/09 G10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
TA = 25°C
VIN = 0dBm
AV = 1
VS = ±5V
RL = 500Ω
VS = ±15V
RL = 1k
Power Supply Rejection Ratio
Common-Mode Rejection Ratio
Crosstalk vs Frequency
vs Frequency
vs Frequency
FREQUENCY (Hz)
100
0
40
80
100
1k
100k
1M
100M
10M
10k
20
60
VS = ±15V
TA = 25°C
+PSRR
–PSRR
1208/09 G11
FREQUENCY (Hz)
0
40
100
120
1k
100k
1M
100M
1208/09 G12
10M
10k
20
60
80
VS = ±15V
TA = 25°C
Voltage Gain and Phase vs
Frequency Response vs
Frequency
Output Swing vs Settling Time
Capacitive Load
FREQUENCY (Hz)
100
–20
20
60
80
1k
100k
1M
100M
1208/09 B13
10M
10k
0
40
VS = ±5V
TA = 25°C
0
40
80
100
20
60
VS = ±15V
VS = ±5V
VS = ±15V
FREQUENCY (Hz)
1M
–10
–6
–4
0
4
6
10
10M
100M
1208/09 G15
VS = ±15V
TA = 25°C
AV = –1
–8
–2
2
8
C = 1000pF
C = 0
C = 50pF
C = 100pF
C = 500pF
SETTLING TIME (ns)
0
10
8
6
4
2
0
–2
–4
–6
–8
–10
100
1208/09 G14
25
50
75
125
VS = ±15V
TA = 25°C
10mV SETTLING
AV = 1
AV = –1
AV = 1
AV = –1
Closed-Loop Output Impedance
vs Frequency
Gain-Bandwidth vs Temperature
Slew Rate vs Temperature
FREQUENCY (Hz)
10k
0.01
0.1
1
10
100
100k
1M
10M
100M
1208/09 G16
VS = ±15V
TA = 25°C
AV = +1
TEMPERATURE (°C)
–50
200
300
350
450
500
–25
25
75
125
1208/09 G18
100
50
0
250
400
VS = ±15V
AV = –2
–SR
+SR
TEMPERATURE (°C)
–50
42
44
45
47
48
–25
25
75
125
1208/09 G17
100
50
0
43
46
VS = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com