Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1139ACSW Datasheet(PDF) 11 Page - Linear Technology

Part # LT1139ACSW
Description  Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1139ACSW Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1139ACSW Datasheet HTML 4Page - Linear Technology LT1139ACSW Datasheet HTML 5Page - Linear Technology LT1139ACSW Datasheet HTML 6Page - Linear Technology LT1139ACSW Datasheet HTML 7Page - Linear Technology LT1139ACSW Datasheet HTML 8Page - Linear Technology LT1139ACSW Datasheet HTML 9Page - Linear Technology LT1139ACSW Datasheet HTML 10Page - Linear Technology LT1139ACSW Datasheet HTML 11Page - Linear Technology LT1139ACSW Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1130A/LT1140A Series
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
NW Package
28-Lead PDIP (Wide 0.600)
(LTC DWG # 05-08-1520)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
S24 (WIDE) 0996
NOTE 1
0.598 – 0.614*
(15.190 – 15.600)
22
21
20
19
18
17
16
15
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
910
13
14
11
12
23
24
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP
0.014 – 0.019
(0.356 – 0.482)
TYP
0
° – 8° TYP
NOTE 1
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299**
(7.391 – 7.595)
× 45°
0.010 – 0.029
(0.254 – 0.737)
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
N28 1197
0.505 – 0.560*
(12.827 – 14.224)
1.455*
(36.957)
MAX
12
3
4
5
6
7
8
9
10
27
19
20
21
22
24
23
25
26
28
11
12
13
14
15
16
17
18
0.070
(1.778)
TYP
0.015
(0.381)
MIN
0.125
(3.175)
MIN
0.150
± 0.005
(3.810
± 0.127)
0.018
± 0.003
(0.457
± 0.076)
0.035 – 0.080
(0.889 – 2.032)
0.100
± 0.010
(2.540
± 0.254)
0.045 – 0.065
(1.143 – 1.651)
0.009 – 0.015
(0.229 – 0.381)
0.625
+0.035
–0.015
+0.889
–0.381
15.87
()
0.600 – 0.625
(15.240 – 15.875)
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
SW Package
24-Lead Plastic Small Outline (Wide 0.300)
(LTC DWG # 05-08-1620)
SW Package
20-Lead Plastic Small Outline (Wide 0.300)
(LTC DWG # 05-08-1620)
S20 (WIDE) 0396
NOTE 1
0.496 – 0.512*
(12.598 – 13.005)
20
19
18
17
16
15
14
13
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
910
11
12
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP
0.014 – 0.019
(0.356 – 0.482)
TYP
0
° – 8° TYP
NOTE 1
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299**
(7.391 – 7.595)
× 45°
0.010 – 0.029
(0.254 – 0.737)
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com