Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1222 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1222
Description  500MHz Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1222 Datasheet(HTML) 2 Page - Linear Technology

  LT1222 Datasheet HTML 1Page - Linear Technology LT1222 Datasheet HTML 2Page - Linear Technology LT1222 Datasheet HTML 3Page - Linear Technology LT1222 Datasheet HTML 4Page - Linear Technology LT1222 Datasheet HTML 5Page - Linear Technology LT1222 Datasheet HTML 6Page - Linear Technology LT1222 Datasheet HTML 7Page - Linear Technology LT1222 Datasheet HTML 8Page - Linear Technology LT1222 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1222
A
G
A
U
A
R
BSOLUTEXI
TI
S
Total Supply Voltage (V + to V –) ............................. 36V
Differential Input Voltage ........................................
±6V
Input Voltage ..........................................................
±VS
Output Short-Circuit Duration (Note 1) ........... Indefinite
Specified Temperature Range
LT1222C (Note 2) ................................... 0
°C to 70°C
LT1222M ......................................... – 55
°C to 125°C
Operating Temperature Range
LT1222C ........................................... – 40
°C TO 85°C
LT1222M ......................................... – 55
°C to 125°C
Maximum Junction Temperature (See Below)
Plastic Package ............................................... 150
°C
Ceramic Package ............................................. 175
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
PACKAGE/ORDER I FOR ATIO
Consult factory for Industrial grade parts.
LT1222CN8
LT1222MJ8
LT1222CS8
ORDER PART
NUMBER
1
2
3
4
8
7
6
5
TOP VIEW
NULL
–IN
+IN
V –
NULL
V+
VOUT
NC
N8 PACKAGE
8-LEAD PLASTIC DIP
S8 PACKAGE
8-LEAD PLASTIC SOIC
J8 PACKAGE
8-LEAD CERAMIC DIP
TJMAX = 175°C, θJA = 100°C/W (J)
TJMAX = 150°C, θJA = 130°C/W (N)
TJMAX = 150°C, θJA = 190°C/W (S)
S8 PART MARKING
1222
ORDER PART
NUMBER
SPECIAL
ORDER
CONSULT
FACTORY
TJMAX = 175°C, θJA = 150°C/W
TOP VIEW
V+
NULL
NULL
–IN
VOUT
NC
+IN
V –
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 3)
100
300
µV
IOS
Input Offset Current
100
300
nA
IB
Input Bias Current
100
300
nA
en
Input Noise Voltage
f = 10kHz
3
nV/
√Hz
in
Input Noise Current
f = 10kHz
2
pA/
√Hz
RIN
Input Resistance
VCM = ±12V
20
45
M
Ω
Differential
12
k
Ω
CIN
Inut Capacitance
2pF
Input Voltage Range (Positive)
12
14
V
Input Voltage Range (Negative)
– 13
– 12
V
CMRR
Common-Mode Rejection Ratio
VCM = ±12V
100
120
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
98
110
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±10V, RL = 500Ω
100
200
V/mV
VOUT
Output Swing
RL = 500Ω
12
13
±V
IOUT
Output Current
VOUT = ±12V
24
26
mA
SR
Slew Rate
(Note 4)
150
200
V/
µs
Full Power Bandwidth
10V Peak (Note 5)
3.2
MHz
GBW
Gain-Bandwidth
f = 1MHz
500
MHz
VS = ±15V, TA = 25°C, VCM = 0V, unless otherwise specified.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com