Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1141ACSW Datasheet(PDF) 10 Page - Linear Technology

Part # LT1141ACSW
Description  Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1141ACSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1141ACSW Datasheet HTML 4Page - Linear Technology LT1141ACSW Datasheet HTML 5Page - Linear Technology LT1141ACSW Datasheet HTML 6Page - Linear Technology LT1141ACSW Datasheet HTML 7Page - Linear Technology LT1141ACSW Datasheet HTML 8Page - Linear Technology LT1141ACSW Datasheet HTML 9Page - Linear Technology LT1141ACSW Datasheet HTML 10Page - Linear Technology LT1141ACSW Datasheet HTML 11Page - Linear Technology LT1141ACSW Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1130A/LT1140A Series
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTIO
G Package
28-Lead Plastic SSOP (0.209)
(LTC DWG # 05-08-1640)
G28 SSOP 0694
0.005 – 0.009
(0.13 – 0.22)
0
° – 8°
0.022 – 0.037
(0.55 – 0.95)
0.205 – 0.212**
(5.20 – 5.38)
0.301 – 0.311
(7.65 – 7.90)
12 3
4
5
6 7 8
9 10 11 12
14
13
0.397 – 0.407*
(10.07 – 10.33)
25
26
22 21 20 19 18 17 16 15
23
24
27
28
0.068 – 0.078
(1.73 – 1.99)
0.002 – 0.008
(0.05 – 0.21)
0.0256
(0.65)
BSC
0.010 – 0.015
(0.25 – 0.38)
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
N Package
20-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
N20 1197
0.020
(0.508)
MIN
0.125
(3.175)
MIN
0.130
± 0.005
(3.302
± 0.127)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.018
± 0.003
(0.457
± 0.076)
0.005
(0.127)
MIN
0.100
± 0.010
(2.540
± 0.254)
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.035
–0.015
+0.889
–0.381
8.255
()
0.255
± 0.015*
(6.477
± 0.381)
1.040*
(26.416)
MAX
12
3
4
5
6
7
8
910
19
11
12
13
14
16
15
17
18
20
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
N Package
24-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
N24 1197
0.255
± 0.015*
(6.477
± 0.381)
1.265*
(32.131)
MAX
12
3
4
5
6
7
89
10
19
11
12
13
14
16
15
17
18
20
21
22
23
24
0.020
(0.508)
MIN
0.125
(3.175)
MIN
0.130
± 0.005
(3.302
± 0.127)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.018
± 0.003
(0.457
± 0.076)
0.100
± 0.010
(2.540
± 0.254)
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.035
–0.015
+0.889
–0.381
8.255
()
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com