Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL5817 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # LL5817
Description  Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LL5817 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  LL5817 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LL5817 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LL5817 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LL5817 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal Product
RATINGS AND CHARACTERISTICS CURVES
(TA=25
oC unless otherwise noted)
Document Number: DS_S1412010
Version: F14
LL5817 thru LL5819
Taiwan Semiconductor
0.01
0.1
1
10
100
0.01
0.1
1
10
100
T, Pulse Duration (Sec)
Fig.6 Typical Transient Thermal Characteristics
0
0.25
0.5
0.75
1
1.25
0
25
50
75
100
125
150
Lead Temperature (OC)
Fig.1 Maximum Forward Current Derating Curve
0
5
10
15
20
25
30
1
10
100
Number of Cycles at 60HZ
Fig.2 Maximum Non-Repetitive Forward Surge Current
0.1
1
10
100
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1
Forward Voltage (V)
Fig.3 Typical Forward Characteristics
LL5818-LL5819
0.01
0.1
1
10
0
20
40
60
80
100
120
140
Percent of Rated Peak Reverse Voltage (%)
Fig.4 Typical Reverse Characteristics
Tj=100oC
Tj=25oC
10
100
1000
0.1
1
10
100
Forward Voltage (V)
Fig.5 Typical Junction Capacitance
8.3ms Single Half Sine Wave
LL5817
Pulse Width=300μs
1% Duty Cycle



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com