Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS4148 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # LS4148
Description  500mW High Speed SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LS4148 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  LS4148 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LS4148 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LS4148 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LS4148 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
3.30
3.70
0.130
0.146
B
1.40
1.60
0.055
0.063
C
0.20
0.45
0.008
0.018
D
A
B
C
D
Document Number: DS_S1501008
Version: E15
5.00
0.197
ORDER INFORMATION (EXAMPLE)
Typ. 1.8
Typ. 0.071
1.25
0.049
2.00
0.079
2.50
0.098
PACKAGE OUTLINE DIMENSION
DIM.
Unit (mm)
Unit (inch)
SUGGEST PAD LAYOUT
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
LS4148/LS4448/LS914B
Taiwan Semiconductor
Small Signal Product
LS4148 L0G
Green compound code
Packing code
Part no.
C
B
A
D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com