Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS914B Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # LS914B
Description  500mW High Speed SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LS914B Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  LS914B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LS914B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LS914B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LS914B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal Product
CREAT BY ART
- Fast switching device (trr<4.0ns)
- Surface device type mounting
- Moisture sensitivity level 1
- Matte Tin (Sn) lead finish with Nickel (Ni) underplate
- Pb free version and RoHS compliant
- All external surfaces are corrosion resistant and
leads are readily solderable
- Case: QUADRO Mini-MELF Package
- High temperature soldering guaranteed : 270
oC/10s
- Polarity : Indicated by black cathode band
- Weight : 29 ± 2.5mg
SYMBOL
UNIT
PD
mW
VRSM
V
VRRM
V
IFSM
A
IFM
mA
IO
mA
(Note 1)
RθJA
°C/W
TJ , TSTG
°C
SYMBOL
UNIT
IR=100μA
IR=5μA
Forward Voltage
IF=5.0mA
IF=10.0mA
IF=100.0mA
VR=20V
nA
VR=75V
μA
VR=0, f=1.0MHz
CJ
pF
trr
ns
Document Number: DS_S1501008
Version: E15
Note 1: Valid provided that electrodes are kept at ambient temperature
Note 2: Reverse recovery test conditions: IF=10mA to IR=1mA, RL=100Ω, VRR=6 V
Reverse Recovery Time
-
(Note 2)
Junction Capacitance
-
4.0
4.0
LS4148
LS4448, LS914B
V
V
V(BR)
Junction and Storage Temperature Range
Thermal Resistance (Junction to Ambient)
Mean Forward Current
Non-Repetitive Peak Forward Current
Repetitive Peak Reverse Voltage
Non-Repetitive Peak Reverse Voltage
Power Dissipation
PARAMETER
-65 to +175
300
150
450
2
Peak Forward Surge Current
MAX
MIN
75
100
500
VF
IR
Reverse Breakdown Current
LS4448, LS914B
Reverse Leakage Current
75
100
-
-
-
-
-
-
-
0.72
1.0
1.0
5.0
25
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
VALUE
LS4148/LS4448/LS914B
Taiwan Semiconductor
500mW High Speed SMD Switching Diode
FEATURES
MECHANICAL DATA
QUADRO Mini-MELF (LS34)


Similar Part No. - LS914B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LS914B TSC-LS914B Datasheet
91Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
LS914B TSC-LS914B Datasheet
106Kb / 2P
500mW High Speed SMD Switching Diode
LS914BL0 TSC-LS914BL0 Datasheet
106Kb / 2P
500mW High Speed SMD Switching Diode
LS914BL1 TSC-LS914BL1 Datasheet
106Kb / 2P
500mW High Speed SMD Switching Diode
More results

Similar Description - LS914B

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4148WX CHENYI-1N4148WX Datasheet
69Kb / 2P
High Speed Switching Diode 500mW
logo
Taiwan Semiconductor Co...
LL4148 TSC-LL4148_09 Datasheet
104Kb / 2P
500mW High Speed SMD Switching Diode
LS4148 TSC-LS4148_09 Datasheet
106Kb / 2P
500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_10 Datasheet
206Kb / 3P
500mW High Speed SMD Switching Diode
LL4X48 TSC-LL4X48_11 Datasheet
168Kb / 3P
500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_12 Datasheet
330Kb / 3P
500mW High Speed SMD Switching Diode
LL4X48 TSC-LL4X48_12 Datasheet
330Kb / 3P
500mW High Speed SMD Switching Diode
TS4148-RXG TSC-TS4148-RXG Datasheet
205Kb / 3P
500mW High Speed SMD Switching Diode
TS4148RXG TSC-TS4148RXG_14 Datasheet
208Kb / 4P
500mW High Speed SMD Switching Diode
TS4148RYG TSC-TS4148RYG_14 Datasheet
189Kb / 4P
500mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com