Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR735 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBR735
Description  Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR735 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBR735 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR735 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBR735 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBR735 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
MBR760
MBR760
MBR760
(TA=25℃ unless otherwise noted)
Document Number: DS_D1308048
Version: J13
MBR735 thru MBR7150
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING
Note 1: "xx" defines voltage from 35V (MBR735) to 150V (MBR7150)
EXAMPLE
MBR7xx
(Note 1)
Prefix "H"
C0
Suffix "G"
TO-220AC
50 / Tube
AEC-Q101 qualified
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
MBR760 C0
C0
RATINGS AND CHARACTERISTICS CURVES
MBR760 C0G
C0
G
Green compound
MBR760HC0
H
C0
0
2
4
6
8
10
0
50
100
150
CASE TEMPERATURE (oC)
FIG.1- FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVELOAD
WITH HEATSINK
MBR735-MBR745
MBR750-MBR7150
25
50
75
100
125
150
175
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
TJ=75℃
TJ=125℃
TJ=25℃
MBR735-745
MBR750-7150
0.01
0.1
1
10
100
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
FORWARD VOLTAGE (V)
FIG. 3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
TJ=125℃
Pulse Width=300μs
1% Duty Cycle
TJ=25℃
MBR735-MBR745
MBR750-MBR760
MBR790-MBR7150



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com