Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR7150 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # MBR7150
Description  Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR7150 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  MBR7150 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR7150 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBR7150 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBR7150 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
-
10.50
-
0.413
B
2.62
3.44
0.103
0.135
C
2.80
4.20
0.110
0.165
D
0.68
0.94
0.027
0.037
E
3.54
4.00
0.139
0.157
F
14.60
16.00
0.575
0.630
G
0.00
1.60
0.000
0.063
H
13.19
14.79
0.519
0.582
I
4.95
5.20
0.195
0.205
J
4.42
4.76
0.174
0.187
K
1.14
1.40
0.045
0.055
L
5.84
6.86
0.230
0.270
M
2.20
2.80
0.087
0.110
N
0.35
0.64
0.014
0.025
P/N
= Marking Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number: DS_D1308048
Version: J13
MARKING DIAGRAM
MBR735 thru MBR7150
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
10
100
1000
10000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p
MBR735-MBR745
MBR750-MBR760
MBR790-MBR7150
0.1
1
10
100
0.01
0.1
1
10
100
T-PULSE DURATION. (sec)
FIG. 6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com