Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1237CG Datasheet(PDF) 2 Page - Linear Technology

Part # LT1237CG
Description  5V RS232 Transceiver with Advanced Power Management and One Receiver Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1237CG Datasheet(HTML) 2 Page - Linear Technology

  LT1237CG Datasheet HTML 1Page - Linear Technology LT1237CG Datasheet HTML 2Page - Linear Technology LT1237CG Datasheet HTML 3Page - Linear Technology LT1237CG Datasheet HTML 4Page - Linear Technology LT1237CG Datasheet HTML 5Page - Linear Technology LT1237CG Datasheet HTML 6Page - Linear Technology LT1237CG Datasheet HTML 7Page - Linear Technology LT1237CG Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT1237
(Note 1)
Supply Voltage (VCC) ................................................ 6V
V+ ........................................................................ 13.2V
V– ...................................................................... –13.2V
Input Voltage
Driver ........................................................... V– to V +
Receiver ............................................... – 30V to 30V
Output Voltage
Driver .................................................... – 30V to 30V
Receiver .................................... – 0.3V to VCC + 0.3V
Short Circuit Duration
V+ ................................................................... 30 sec
V– ................................................................... 30 sec
Driver Output .............................................. Indefinite
Receiver Output .......................................... Indefinite
Operating Temperature Range
LT1237C ................................................. 0
°C to 70°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Generator
V+ Output
7.9
V
V– Output
–7
V
Supply Current (VCC)TA = 25°C (Note 3)
6
12
mA
q
614
mA
Supply Current when OFF (VCC)
Shutdown (Note 4)
q
0.06
0.15
mA
Driver Disable
3.00
mA
Supply Rise Time
C1 = C2 = 0.2
µF,
2
ms
Shutdown to Turn-On
C+ = 1.0
µF, C– = 0.1µF
ON/OFF Pin Thresholds
Input Low Level (Drivers Enabled)
0.8
1.2
V
Input High Level (Drivers Disabled)
1.6
2.4
V
ON/OFF Pin Current
0V
≤ VON/OFF ≤ 5V
q
–15
80
µA
DRIVER DISABLE Pin Thresholds
Input Low Level (Drivers Enabled)
q
0.8
1.4
V
Input High Level (Drivers Disabled)
q
1.4
2.4
V
DRIVER DISABLE Pin Current
0V
≤ VDRIVER DISABLE ≤ 5V
q
–10
500
µA
Oscillator Frequency
Driver Outputs Loaded RL = 3k
130
kHz
ELECTRICAL C
C
HARA TERISTICS
Consult factory for Industrial and Military grade parts.
LT1237CG
LT1237CNW
LT1237CSW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
V+
5V VCC
C1+
C1–
DR1 OUT
RX1 IN
DR2 OUT
RX2 IN
RX3 IN
RX4 IN
DR3 OUT
RX5 IN
(LOW-Q)
ON/OFF
NC
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V –
C2–
C2+
DR1 IN
RX1 OUT
DR2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DR3 IN
RX5 OUT
(LOW-Q)
GND
DRIVER
DISABLE
NC
NW PACKAGE
28-LEAD (WIDE) PDIP
TOP VIEW
SW PACKAGE
28-LEAD (WIDE) PLASTIC SO
G PACKAGE
28-LEAD PLASTIC SSOP
TJMAX = 150°C, θJA = 96°C/ W (G)
TJMAX = 150°C, θJA = 56°C/ W (NW)
TJMAX = 150°C, θJA = 85°C/ W (SW)
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com