Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1229CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1229CS8
Description  Dual and Quad 100MHz Current Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1229CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1229CS8 Datasheet HTML 4Page - Linear Technology LT1229CS8 Datasheet HTML 5Page - Linear Technology LT1229CS8 Datasheet HTML 6Page - Linear Technology LT1229CS8 Datasheet HTML 7Page - Linear Technology LT1229CS8 Datasheet HTML 8Page - Linear Technology LT1229CS8 Datasheet HTML 9Page - Linear Technology LT1229CS8 Datasheet HTML 10Page - Linear Technology LT1229CS8 Datasheet HTML 11Page - Linear Technology LT1229CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1229/LT1230
Assumptions:
1. The maximum ambient is 70
°C for the commercial
parts (C suffix) and 125
°C for the full temperature
parts (M suffix).
2. The load is a double-terminated video cable, 150
Ω.
3. The maximum output voltage is 2V (peak or DC).
4. The thermal resistance of each package:
J8 is 100
°C/W
J is 80
°/W
N8 is 100
°C/W
N is 70
°/W
S8 is 150
°C/W
S is 110
°/W
Maximum Supply Voltage for 75
Ω Cable Driving Applications at
Maximum Ambient Temperature
PART
PACKAGE
MAX POWER AT TA
MAX SUPPLY
LT1229MJ8
Ceramic DIP
0.500W @ 125
°CVS < ±10.1
LT1229CJ8
Ceramic DIP
1.050W @ 70
°CVS < ±18.0
LT1229CN8
Plastic DIP
0.800W @ 70
°CVS < ±15.6
LT1229CS8
Plastic SO8
0.533W @ 70
°CVS < ±10.6
LT1230MJ
Ceramic DIP
0.625W @ 125
°CVS < ±6.6
LT1230CJ
Ceramic DIP
1.313W @ 70
°CVS < ±13.0
LT1230CN
Plastic DIP
1.143W @ 70
°CVS < ±11.4
LT1230CS
Plastic SO14
0.727W @ 70
°CVS < ±7.6
Slew Rate
The slew rate of a current feedback amplifier is not
independent of the amplifier gain the way it is in a tradi-
tional op amp. This is because the input stage and the
output stage both have slew rate limitations. The input
stage of the LT1229/LT1230 amplifiers slew at about
100V/
µs before they become nonlinear. Faster input sig-
nals will turn on the normally reverse-biased emitters on
the input transistors and enhance the slew rate signifi-
cantly. This enhanced slew rate can be as much as
2500V/
µs.
The output slew rate is set by the value of the feedback
resistors and the internal capacitance. At a gain of ten with
a 1k feedback resistor and
±15V supplies, the output slew
rate is typically 700V/
µs and –1000V/µs. There
is no input stage enhancement because of the high gain.
Large-Signal Response, AV = 2, RF = RG = 750Ω
S
APPLICATI
I FOR ATIO
LT1229 • TA07
Settling Time
The characteristic curves show that the LT1229/LT1230
amplifiers settle to within 10mV of final value in 40ns to
55ns for any output step up to 10V. The curve of settling
to 1mV of final value shows that there is a slower thermal
contribution up to 20
µs. The thermal settling component
comes from the output and the input stage. The output
contributes just under 1mV per volt of output change and
the input contributes 300
µV per volt of input change.
Fortunately, the input thermal tends to cancel the output
thermal. For this reason the noninverting gain of two
configurations settles faster than the inverting gain of one.
Larger feedback resistors will reduce the slew rate as will
lower supply voltages, similar to the way the bandwidth is
reduced.
Large-Signal Response, AV = 10, RF = 1k, RG = 110Ω
LT1229 • TA08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com