Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1256 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1256
Description  40MHz Video Fader and DC Gain Controlled Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1256 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1256 Datasheet HTML 9Page - Linear Technology LT1256 Datasheet HTML 10Page - Linear Technology LT1256 Datasheet HTML 11Page - Linear Technology LT1256 Datasheet HTML 12Page - Linear Technology LT1256 Datasheet HTML 13Page - Linear Technology LT1256 Datasheet HTML 14Page - Linear Technology LT1256 Datasheet HTML 15Page - Linear Technology LT1256 Datasheet HTML 16Page - Linear Technology LT1256 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LT1251/LT1256
APPLICATIONS INFORMATION
In low gain applications, R1 and R2 are small compared to
the feedback resistors and therefore we can simplify the
equation to:
V
KV
RR
RR
KV
RR
RR
sR C
R
K
R
K
R
O
GF
GF
GF
GF
OL
OL
F
F
=
()( )
+
+
−
()
()( )
+
+
++
−
()
1
11
11
2
22
22
12
1
1
1
Note that the denominator causes a gain error due to the
open-loop gain (typically 0.1% for frequencies below
20kHz) and for mismatches in RF1 and RF2. A 1% mis-
match in the feedback resistors results in a 0.25% error at
K = 0.5.
If we set RF1 = RF2 and assume ROL >> RF1 (a 0.1% error
at low frequencies) the above equation simplifies to:
and
VKV A
K V A
where A
R
R
A
R
R
OV
V
V
F
G
V
F
G
=+ −
()
=+
=+
11
2
2
1
1
1
2
2
2
1
11
This shows that the output fades linearly from input 2,
times its gain, to input 1, times its gain, as K goes from
0 to 1.
If only one input is used (for example, V1) and Pin 14 is
grounded, then the gain is proportional to K.
V
V
KA
O
V
1
1
=
Similarly for the inverting case where the noninverting
inputs are grounded and the input voltages V1 and V2 drive
the normally grounded ends of RG1 and RG2, we get:
General Equation for the Inverting Amplifier Case
V
KV
RR
R
R
KV
RR
R
R
sR C
R
K
RR
R
R
K
RR
R
R
O
G
G
F
G
G
F
OL
OL
F
F
G
F
F
G
=−
++


+
−
()
++


+
+
++


+
−
()
++


1
11
1
1
2
22
2
2
11
1
1
22
2
2
1
1
1
1
1
1
1
Note that the denominator is the same as the noninverting
case. In low gain applications, R1 and R2 are small
compared to the feedback resistors and therefore we can
simplify the equation to:
V
KV
R
KV
R
sR C
R
K
R
K
R
O
GG
OL
OL
F
F
=−
+
−
()
+
++
−
()
1
1
2
2
12
1
1
1
Again, if we set RF1 = RF2 and assume ROL >> RF1 (a 0.1%
error at low frequencies) the above equation simplifies to:
and
VKV A
K V A
where A
R
R
A
R
R
OV
V
V
F
G
V
F
G
=−
+ −
()
[]
==
11
2
2
1
1
1
2
2
2
1
The 4-resistor difference amplifier yields the same result
as the inverting amplifier case, and the common mode
rejection is independent of K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com