Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF1645 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF1645
Description  Isolated Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF1645 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF1645 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF1645 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF1645 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRF1645 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test,
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
35
45
50
60
90
100
150
V
VRMS
24
31
35
42
63
70
105
V
VDC
35
45
50
60
90
100
150
V
IF(AV)
A
IRRM
A
0.95
0.92
0.1
5
dV/dt
V/μs
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1309010
Version: I13
MBRF1635 thru MBRF16150
Taiwan Semiconductor
Isolated Schottky Barrier Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
ITO-220AC
Case:
ITO-220AC
Polarity:
As marked
Mounting torque:
5 in-lbs maximum
Weight:
1.7 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
MBRF
1635
MBRF
1645
MBRF
1650
MBRF
1660
MBRF
1690
MBRF
16100
MBRF
16150
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
16
Peak repetitive forward current
(Rated VR, square wave, 20KHz)
IFRM
32
A
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load
IFSM
150
A
Peak repetitive reverse surge current (Note 1)
1
0.5
Maximum instantaneous forward voltage (Note 2)
IF=16A, TJ=25℃
IF=16A, TJ=125℃
VF
V
0.63
0.75
0.85
0.57
0.65
0.75
Operating junction temperature range
- 55 to +150
Maximum reverse current @ Rated VR TJ=25 ℃
TJ=125 ℃
IR
mA
15
10
7.5
Storage temperature range
- 55 to +150
Note 1: tp = 2.0 μs, 1.0KHz
Note 2: Pulse test with PW=300μs, 1% duty cycle
0.5
0.3
Voltage rate of change (Rated VR)
10000
Typical thermal resistance
3


Similar Part No. - MBRF1645

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRF1645 GE-MBRF1645 Datasheet
114Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
MBRF1645 GE-MBRF1645 Datasheet
114Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
MBRF1645 TSC-MBRF1645 Datasheet
66Kb / 2P
Isolation 16.0 AMPS. Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
MBRF1645 GOOD-ARK-MBRF1645 Datasheet
246Kb / 3P
Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF1645 TSC-MBRF1645 Datasheet
270Kb / 2P
Isolated 16.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF1645

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF10H100CT TSC-MBRF10H100CT_11 Datasheet
187Kb / 2P
10.0AMPS Isolated Schottky Barrier Rectifiers
SRAF820 TSC-SRAF820_13 Datasheet
246Kb / 3P
8.0AMPS. Isolated Schottky Barrier Rectifiers
MBRF16H45 TSC-MBRF16H45_14 Datasheet
209Kb / 4P
Isolated Schottky Barrier Rectifiers
MBRF735 TSC-MBRF735_14 Datasheet
226Kb / 4P
Isolated Schottky Barrier Rectifiers
MBRF1035 TSC-MBRF1035_14 Datasheet
226Kb / 4P
Isolated Schottky Barrier Rectifiers
MBRF2035 TSC-MBRF2035_14 Datasheet
218Kb / 4P
Isolated Schottky Barrier Rectifiers
SRAF520 TSC-SRAF520_14 Datasheet
250Kb / 4P
Isolated Schottky Barrier Rectifiers
SRAF820 TSC-SRAF820_14 Datasheet
218Kb / 4P
Isolated Schottky Barrier Rectifiers
SRAF1020 TSC-SRAF1020_14 Datasheet
215Kb / 4P
Isolated Schottky Barrier Rectifiers
SRAF1620 TSC-SRAF1620_14 Datasheet
215Kb / 4P
Isolated Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com