Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1013 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1013
Description  Dual Precision Op Amp
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1013 Datasheet(HTML) 2 Page - Linear Technology

  LT1013_15 Datasheet HTML 1Page - Linear Technology LT1013_15 Datasheet HTML 2Page - Linear Technology LT1013_15 Datasheet HTML 3Page - Linear Technology LT1013_15 Datasheet HTML 4Page - Linear Technology LT1013_15 Datasheet HTML 5Page - Linear Technology LT1013_15 Datasheet HTML 6Page - Linear Technology LT1013_15 Datasheet HTML 7Page - Linear Technology LT1013_15 Datasheet HTML 8Page - Linear Technology LT1013_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT1013/LT1014

10134fd
absoluTe MaxiMuM raTings
pin conFiguraTion
Supply Voltage....................................................... ±22V
Differential Input Voltage........................................ ±30V
Input Voltage................ Equal to Positive Supply Voltage
............5V Below Negative Supply Voltage
Output Short-Circuit Duration .......................... Indefinite
Storage Temperature Range
All Grades ..........................................–65°C to 150°C
Lead Temperature (Soldering, 10 sec.) ................. 300°C
Operating Temperature Range
LT1013AM/LT1013M/
LT1014AM/LT1014M.........................– 55 °C to 125°C
LT1013AC/LT1013C/LT1013D
LT1014AC/LT1014C/LT1014D................... 0°C to 70°C
LT1013I/ LT1014I.................................– 40°C to 85°C
(Note 1)
OBSOLETE PACKAGE
OBSOLETE PACKAGE
Consider the N or S8 Packages for Alternate Source
OBSOLETE PACKAGE
Consider the N or SW Packages for Alternate Source
Consider the N or S8 (Not N8) Packages for Alternate Source
LT1013
LT1013
LT1013
1
2
3
4
8
7
6
5
TOP VIEW
–INA
OUTA
V+
OUTB
+INA
V–
+INB
–INB
S8 PACKAGE
8-LEAD PLASTIC SO
–
+
NOTE: THIS PIN CONFIGURATION DIFFERS FROM
THE STANDARD 8-PIN DUAL-IN-LINE CONFIGURATION
TJMAX = 150°C, θJA = 190°C/W
1
2
3
4
8
7
6
5
TOP VIEW
OUTPUT A
–IN A
+IN A
V–
V+
OUTPUT B
–IN B
+IN B
N8 PACKAGE
8-LEAD PDIP
TJMAX = 150°C, JA = 130°C
J8 PACKAGE
8-LEAD CERDIP
TJMAX = 150°C, JA = 100°C
A
B
–
+
B
TOP VIEW
OUTPUT B
V+
OUTPUT A
–IN A
–IN B
+IN B
+IN A
V–(CASE)
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
–
+
A
TJMAX = 125°C, θJA = 55°C/W
LT1014
LT1014
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO
16
15
14
13
12
11
10
9
OUTPUT A
–IN A
+IN A
V+
+IN B
–IN B
OUTPUT B
NC
OUTPUT D
–IN D
+IN D
V–
+IN C
–IN C
OUTPUT C
NC
TJMAX = 150°C, θJA = 130°C/W
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PDIP
TJMAX = 150°C, JA = 100°C
J PACKAGE
14-LEAD CERDIP
TJMAX = 150°C, JA = 100°C
14
13
12
11
10
9
8
OUTPUT A
–IN A
+IN A
V+
+IN B
–IN B
OUTPUT B
OUTPUT D
–IN D
+IN D
V–
+IN C
–IN C
OUTPUT C
A
D
–
+
B
–
+
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com