Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1055 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1055
Description  Precision, High Speed, JFET Input Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1055 Datasheet(HTML) 2 Page - Linear Technology

  LT1055_15 Datasheet HTML 1Page - Linear Technology LT1055_15 Datasheet HTML 2Page - Linear Technology LT1055_15 Datasheet HTML 3Page - Linear Technology LT1055_15 Datasheet HTML 4Page - Linear Technology LT1055_15 Datasheet HTML 5Page - Linear Technology LT1055_15 Datasheet HTML 6Page - Linear Technology LT1055_15 Datasheet HTML 7Page - Linear Technology LT1055_15 Datasheet HTML 8Page - Linear Technology LT1055_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1055/LT1056
10556fc
Supply Voltage ......................................................
±20V
Differential Input Voltage .......................................
±40V
Input Voltage .........................................................
±20V
Output Short-Circuit Duration .......................... Indefinite
Operating Temperature Range
LT1055AM/LT1055M/LT1056AM/
LT1056M (OBSOLETE) .............. –55
°C to 125°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LT1055S8
LT1056S8
1
2
3
4
8
7
6
5
TOP VIEW
BAL
–IN
+IN
V –
N/C
V +
OUT
BAL
N8 PACKAGE
8-LEAD PDIP
TJMAX = 150°C, θJA = 130°C/ W
LT1055ACH
LT1055CH
LT1055AMH
LT1055MH
TOP VIEW
NC
BALANCE
OUT
BALANCE
+IN
V –
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
–IN
V +
TJMAX = 150°C, θJA = 150°C/ W, θJC = 45°C/ W
ORDER PART
NUMBER
OBSOLETE PACKAGE
Consider the N8 Package for Alternate Source
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
BAL
–IN
+IN
V –
N/C
V +
OUT
BAL
LT1055CN8
LT1056CN8
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 150°C/ W
LT1056ACH
LT1056CH
LT1056AMH
LT1056MH
TA = 25°C. VS = ±15V, VCM = 0V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
LT1055M/LT1056M
LT1055AM/LT1056AM
LT1055CH/LT1056CH
LT1055AC/LT1056AC
LT1055CN8/LT1056CN8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 2)
LT1055 H Package
—
50
150
—
70
400
µV
LT1056 H Package
—
50
180
—
70
450
µV
LT1055 N8 Package
—
—
—
—
120
700
µV
LT1056 N8 Package
—
—
—
—
140
800
µV
IOS
Input Offset Current
Fully Warmed Up
—
2
10
—
2
20
pA
LT1055AC/LT1055C/LT1056AC/
LT1056C ................................................ 0
°C to 70°C
Storage Temperature Range
All Devices ...................................... – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
1055
1056
S8 PART
MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com