Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD753012 Datasheet(PDF) 39 Page - NEC

Part # UPD753012
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753012 Datasheet(HTML) 39 Page - NEC

Back Button UPD753012 Datasheet HTML 35Page - NEC UPD753012 Datasheet HTML 36Page - NEC UPD753012 Datasheet HTML 37Page - NEC UPD753012 Datasheet HTML 38Page - NEC UPD753012 Datasheet HTML 39Page - NEC UPD753012 Datasheet HTML 40Page - NEC UPD753012 Datasheet HTML 41Page - NEC UPD753012 Datasheet HTML 42Page - NEC UPD753012 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
39
µPD753012, 753016, 753017
9. RESET FUNCTION
There are two reset inputs: external reset signal (RESET) and reset signal sent from the basic interval timer/
watchdog timer. When either one of the reset signals are input, an internal reset signal is generated. Figure 9-
1 shows the circuit diagram of the above two inputs.
Figure 9-1. Configuration of Reset Function
RESET
Internal reset signal
Reset signal sent from the basic
interval timer/watchdog timer
WDTM
Internal bus
The
µPD753017 is set by the RESET signal generated and each device is initialized as listed in Table 9-1.
Figure 9-2 shows the timing chart of the reset operation.
Figure 9-2. Reset Operation by RESET Signal Generation
Operation mode or
standby mode
Wait Note
RESET
signal
generated
Operation mode
HALT mode
Internal reset operation
Note
The following two times can be selected by the mask option.
217/fX (21.8 ms : at 6.00 MHz operation, 31.3 ms : at 4.19 MHz operation)
215/fX (5.46 ms : at 6.00 MHz operation, 7.81 ms : at 4.19 MHz operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com