Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1301 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1301
Description  Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1301 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1301 Datasheet HTML 4Page - Linear Technology LT1301 Datasheet HTML 5Page - Linear Technology LT1301 Datasheet HTML 6Page - Linear Technology LT1301 Datasheet HTML 7Page - Linear Technology LT1301 Datasheet HTML 8Page - Linear Technology LT1301 Datasheet HTML 9Page - Linear Technology LT1301 Datasheet HTML 10Page - Linear Technology LT1301 Datasheet HTML 11Page - Linear Technology LT1301 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1301
APPLICATIONS INFORMATION
Capacitor Selection
Low ESR capacitors are required for both input and output
of the LT1301. ESR directly affects ripple voltage and
efficiency. For surface mount applications AVX TPS series
tantalum capacitors are recommended. These have been
specially designed for SMPS and have low ESR along with
high surge current ratings. For through-hole applications
Sanyo OS-CON capacitors offer extremely low ESR in a
small size. Again, if peak switch current is reduced using
the ILIM pin, capacitor requirements can be relaxed and
smaller, higher ESR units can be used. Suggested capaci-
tor sources are listed in Table 2.
Diode Selection
Best performance is obtained with a Schottky rectifier
diode such as the 1N5817. Phillips Components makes
this in surface mount as the PRLL5817. Motorola makes
the MBRS130LT3 which is slightly better and also in
surface mount. For lower output power a 1N4148 can be
used although efficiency will suffer substantially.
Layout Considerations
The LT1301 is a high speed, high current device. The input
capacitor must be no more than 0.2˝ from VIN (pin 6) and
ground. Connect the PGND and GND (pins 8 and 1)
together under the package. Place the inductor adjacent to
SW (pin 7) and make the switch pin trace as short as
possible. This keeps radiated noise to a minimum.
TYPICAL APPLICATIONS N
Four-Cell to 5V Converter
C3
100µF
L2
33µH
0.1µF
5V OUTPUT
200mA
80 to 83% EFFICIENT
AT ILOAD > 10mA
+
L1
33µH
C2
100µF
1N5817
C1
100µF
4 CELLS
SW
NC
ILIM
PGND
GND
SENSE
LT1301
SELECT
LT1301 TAO3
SHDN
SHUTDOWN
VIN
+
+
1N5817
2N4403
5V, 200mA
+
L1*
10µH
*SUMIDA CD54-100LC
COILCRAFT DO3316-223
100µF
100µF
470
Ω
0.1µF
2
×
AA
CELL
SW
ILIM
PGND
GND
SENSE
LT1301
SELECT
LT1301 TA4
SHDN
NC
NC
SHUTDOWN
VIN
+
Step-Up Converter with Automatic Output Disconnect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com