Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF2035CT Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF2035CT
Description  Dual Common Cathode Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF2035CT Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  MBRF2035CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF2035CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF2035CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRF2035CT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
4.30
4.70
0.169
0.185
B
2.50
3.16
0.098
0.124
C
2.30
2.96
0.091
0.117
D
0.46
0.76
0.018
0.030
E
6.30
6.90
0.248
0.272
F
9.60
10.30
0.378
0.406
G
3.00
3.40
0.118
0.134
H
0.95
1.45
0.037
0.057
I
0.50
0.90
0.020
0.035
J
2.40
3.20
0.094
0.126
K
14.80
15.50
0.583
0.610
L
-
4.10
-
0.161
M
12.60
13.80
0.496
0.543
N
-
1.80
-
0.071
O
2.41
2.67
0.095
0.105
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number: D1308017
Version: N13
MARKING DIAGRAM
MBRF2035CT thru MBRF20200CT
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
100
1000
10000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
PER LEG
f=1.0MHz
Vsig=50mVp-p
MBRF2035CT - 2045CT
MBRF2050CT - 20200CT
0.1
1
10
100
0.01
0.1
1
10
100
T-PULSE DURATION(s)
FIG. 6 TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com