Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF2050CT Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF2050CT
Description  Dual Common Cathode Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF2050CT Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBRF2050CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF2050CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF2050CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRF2050CT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
MBRF2060CT
MBRF2060CT
MBRF2060CT
(TA=25℃ unless otherwise noted)
Document Number: D1308017
Version: N13
MBRF2060CTHC0
H
C0
AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
MBRF2060CT C0
C0
MBRF2060CT C0G
C0
G
Green compound
Note 1: "xx" defines voltage from 35V (MBRF2035CT) to 200V (MBRF20200CT)
EXAMPLE
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN
COMPOUND
DESCRIPTION
MBRF20xxCT
(Note 1)
Prefix "H"
C0
Suffix "G"
ITO-220AB
50 / Tube
MBRF2035CT thru MBRF20200CT
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE GREEN COMPOUND
CODE
PACKAGE
PACKING
0
5
10
15
20
25
50
60
70
80
90
100 110 120 130 140 150
CASE TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVELOAD
WITH HEATSINK
0
25
50
75
100
125
150
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT PER LEG
8.3ms Single Half Sine Wave
JEDEC Method
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
PER LEG
TJ=75℃
TJ=125℃
TJ=25℃
MBRF2035CT - 2045CT
MBRF2050CT - 20200CT
0.1
1
10
100
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
PER LEG
Pulse Width=300μs
1% Duty Cycle
MBRF20150CT - 20200CT
MBRF2090CT - 20100CT
MBRF2050CT - 2080CT
MBRF2035CT - 2045CT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com